전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF3056C 데이터시트(PDF) 5 Page - GOOD-ARK Electronics

부품명 SSF3056C
상세설명  30V Complementary MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF3056C 데이터시트(HTML) 5 Page - GOOD-ARK Electronics

  SSF3056C_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF3056C_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF3056C_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF3056C_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF3056C_15 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SSF3056C
30V Complementary MOSFET (Preliminary)
www.goodark.com
Page 5 of 5
Rev.1.0
Ordering and Marking Information
Device Marking: 3056C
Package (Available)
DFN2X3-8L
Operating Temperature Range
C : -55 to 150 ºC
Devices per Unit
Package
Type
Units/
Tube
Tubes/
Inner Box
Units/
Inner Box
Inner Boxes/
Carton Box
Units/
Carton Box
DFN2*3-8L
3000pcs
10pcs
30000pcs
4pcs
120000pcs


유사한 부품 번호 - SSF3056C_15

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF3056C SILIKRON-SSF3056C Datasheet
466Kb / 6P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF3056C GOOD-ARK-SSF3056C Datasheet
378Kb / 5P
   30V Complementary MOSFET (Preliminary)
More results

유사한 설명 - SSF3056C_15

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AO4629 AOSMD-AO4629 Datasheet
855Kb / 9P
   30V Complementary MOSFET
AO4616 AOSMD-AO4616_11 Datasheet
387Kb / 9P
   30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF4604 GOOD-ARK-SSF4604 Datasheet
568Kb / 4P
   30V Complementary MOSFET
SSF3036C GOOD-ARK-SSF3036C Datasheet
435Kb / 5P
   30V Complementary MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG170C03LA1S HUAYI-HYG170C03LA1S Datasheet
1Mb / 14P
   30V Complementary MOSFET
logo
Alpha & Omega Semicondu...
AON3613 AOSMD-AON3613 Datasheet
423Kb / 9P
   30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF3639C GOOD-ARK-SSF3639C Datasheet
316Kb / 4P
   30V Complementary MOSFET
SSF4606 GOOD-ARK-SSF4606 Datasheet
580Kb / 4P
   30V Complementary MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com