전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F7NJ2A 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 LC87F7NJ2A
상세설명  8-bit Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F7NJ2A 데이터시트(HTML) 1 Page - ON Semiconductor

  LC87F7NJ2A Datasheet HTML 1Page - ON Semiconductor LC87F7NJ2A Datasheet HTML 2Page - ON Semiconductor LC87F7NJ2A Datasheet HTML 3Page - ON Semiconductor LC87F7NJ2A Datasheet HTML 4Page - ON Semiconductor LC87F7NJ2A Datasheet HTML 5Page - ON Semiconductor LC87F7NJ2A Datasheet HTML 6Page - ON Semiconductor LC87F7NJ2A Datasheet HTML 7Page - ON Semiconductor LC87F7NJ2A Datasheet HTML 8Page - ON Semiconductor LC87F7NJ2A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
Publication Order Number :
LC87F7NJ2A/D
www.onsemi.com
© Semiconductor Components Industries, LLC, 2014
November 2014 - Rev. 1
ORDERING INFORMATION
See detailed ordering and shipping information on page 28 of this data sheet.
LC87F7NJ2A
Features
LCD Driver 4COM × 54SEG
Infrared Remote Control Receiver Circuit × 2
Full duplex UART × 2
Performance
Minimum Bus Cycle Time
56ns (CF=18MHz)
Minimum Instruction Cycle Time (Tcyc)
167ns (CF=18MHz)
Operating Supply Voltage
2.7V to 3.6V
Operating Ambient Temperature
40°C to +85°C
Function Descriptions
1) Ports
I/O Ports
29
LCD Common Ports
4
LCD Segment Ports
54 (I/O port combined use)
Bias Power Source For LCD
3
Power Pins (VSS1, VDD1)
6
2) Timer × 8
Timer 0 : 16-bit timer/counter with capture registers
Timer 1 : 16-bit timer that supports PWM/toggle outputs
Timer 4 : 8-bit timer with a 6-bit prescaler
Timer 5 : 8-bit timer with a 6-bit prescaler
Timer 6 : 8-bit timer with a 6-bit prescaler (with toggle output)
Timer 7 : 8-bit timer with a 6-bit prescaler (with toggle output)
Timer 8 : 16-bit timer with an 8-bit prescaler
Base timer
3) Full duplex UART × 2
4) Infrared Remote Control Receiver Circuit × 2
Application
AV apparatus
Household appliance mounted with LCD panel
CMOS LSI
8-bit Microcontroller
with LCD Controller Driver
192K-byte Flash ROM / 8K-byte RAM / 100-pin
* This product is licensed from Silicon Storage Technology, Inc. (USA).
S20/PC4
S19/PC3
S18/PC2
S17/PC1
S16/PC0
S15/PB7
S14/PB6
S13/PB5
S12/PB4
S11/PB3
S10/PB2
S9/PB1
S8/PB0
S7/PA7
S6/PA6
S5/PA5
S4/PA4
S3/PA3
S2/PA2
S1/PA1
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
V2/PL5/AN13/DBGP1
V1/PL4/AN12/DBGP0
COM0/PL0
COM1/PL1
COM2/PL2
COM3/PL3
P30/INT4/T1IN/INT6/T0LCP1/PWM4/S48
P31/INT4/T1IN/PWM5/S49
VSS3
VDD3
P32/INT4/T1IN/UTX1/S50
P33/INT4/T1IN/URX1/S51
P34/INT5/T1IN/INT7/T0HCP1/UTX2/S52
P35/INT5/T1IN/URX2/S53
P00/DGBP0
P01/DGBP1
P02 /DGBP2
P03/INT6
P04/INT7
P05/CKO
QIP100E(14X20)
TQFP100(14X14)
[ Under Development ]
Pin Assignment : QIP100E(14x20)
[ Top view ]


유사한 부품 번호 - LC87F7NJ2A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC87F7NC8A ONSEMI-LC87F7NC8A Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
LC87F7NC8AUEJ-2H ONSEMI-LC87F7NC8AUEJ-2H Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
LC87F7NC8AVUEJ-2H ONSEMI-LC87F7NC8AVUEJ-2H Datasheet
288Kb / 28P
   8-bit Microcontroller
November 2014 - Rev. 1
LC87F7NP6A ONSEMI-LC87F7NP6A Datasheet
288Kb / 28P
   LC87F7NC8AUEJ-2H
October 2014 - Rev. 1
More results

유사한 설명 - LC87F7NJ2A

제조업체부품명데이터시트상세설명
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com