전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F17C8AUWA-2H 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 LC87F17C8AUWA-2H
상세설명  LC87F17C8A
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F17C8AUWA-2H 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button LC87F17C8AUWA-2H Datasheet HTML 4Page - ON Semiconductor LC87F17C8AUWA-2H Datasheet HTML 5Page - ON Semiconductor LC87F17C8AUWA-2H Datasheet HTML 6Page - ON Semiconductor LC87F17C8AUWA-2H Datasheet HTML 7Page - ON Semiconductor LC87F17C8AUWA-2H Datasheet HTML 8Page - ON Semiconductor LC87F17C8AUWA-2H Datasheet HTML 9Page - ON Semiconductor LC87F17C8AUWA-2H Datasheet HTML 10Page - ON Semiconductor LC87F17C8AUWA-2H Datasheet HTML 11Page - ON Semiconductor LC87F17C8AUWA-2H Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LC87F17C8A
www.onsemi.com
8
Pin Assignment
SQFP48(7×7) (Pb-Free and Halogen Free product)
SQFP48
NAME
SQFP48
NAME
1
P73/INT3/T0IN/RMIN
25
P04/AN4/LRCK_IN
2
RES
26
P05/AN5/CKO/SDAT
3
XT1/AN10
27
P06/AN6/T6O/BCLK
4
XT2/AN11
28
P07/AN7/T7O/LRCK
5
VSS1
29
P20/INT4/INT6
6
CF1
30
P21/INT4
7
CF2
31
P22/INT4/SO4
8
VDD1
32
P23/INT4/SI4
9
P10/SO0
33
P24/INT7/SCK4
10
P11/SI0/SB0
34
OWP0
11
P12/SCK0
35
UBD
12
P13/SO1/SM1CK
36
UBD+
13
P14/SI1/SB1/SM1DA
37
UAD
14
P15/SCK1/SM0DO/SM1DO
38
UAD+
15
P16/T1PWML/SM0DA
39
VDD3
16
P17/T1PWMH/BUZ/SM0CK
40
VSS3
17
PWM1/MCLKI
41
UFILT
18
PWM0/MCLKO
42
AFILT
19
VDD2
43
P32/INT5
20
VSS2
44
P31/SCURX/INT5
21
P00/AN0/SDATI
45
P30/SCUTX/INT5
22
P01/AN1
46
P70/INT0/T0LCP/AN8
23
P02/AN2/SDAT_IN
47
P71/INT1/T0HCP/AN9
24
P03/AN3/BCLK_IN
48
P72/INT2/T0IN
UAD-
UAD+
VDD3
VSS3
UFILT
AFILT
P32/INT5
P31/SCRX/INT5
P30/SCTX/INT5
P70/INT0/T0LCP/AN8
P71/INT1/T0HCP/AN9
P72/INT2/T0IN
24
23
22
21
20
19
18
17
16
15
14
13
P03/AN3/BCLK_IN
P02/AN2/SDAT_IN
P01/AN1
P00/AN0/SDATI
VSS2
VDD2
PWM0/MCLKO
PWM1/MCLKI
P17/T1PWMH/BUZ/SM0CK
P16/T1PWML/SM0DA
P15/SCK1/SM0DO/SM1DO
P14/SI1/SB1/SM1DA
37
38
39
40
41
42
43
44
45
46
47
48
LC87F17C8A
Top view


유사한 부품 번호 - LC87F17C8AUWA-2H

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F1364A SANYO-LC87F1364A Datasheet
145Kb / 22P
   8-bit 1-chip Microcontroller with Low-speed USB
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
LC87F1A32A SANYO-LC87F1A32A Datasheet
175Kb / 26P
   CMOS IC FROM 32K byte, RAM 2048K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com