전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC898214XD-MH 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 LC898214XD-MH
상세설명  AF Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898214XD-MH 데이터시트(HTML) 1 Page - ON Semiconductor

  LC898214XD-MH Datasheet HTML 1Page - ON Semiconductor LC898214XD-MH Datasheet HTML 2Page - ON Semiconductor LC898214XD-MH Datasheet HTML 3Page - ON Semiconductor LC898214XD-MH Datasheet HTML 4Page - ON Semiconductor LC898214XD-MH Datasheet HTML 5Page - ON Semiconductor LC898214XD-MH Datasheet HTML 6Page - ON Semiconductor LC898214XD-MH Datasheet HTML 7Page - ON Semiconductor LC898214XD-MH Datasheet HTML 8Page - ON Semiconductor LC898214XD-MH Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Publication Order Number :
LC898214XD/D
www.onsemi.com
©
Semiconductor Components Industries, LLC, 2015
January 2015 - Rev. 1
ORDERING INFORMATION
See detailed ordering and shipping information on page 9 of this data sheet.
LC898214XD
Overview
This LSI is AF control LSI. It consists of 1 system of feedback circuit
for AF control.
Features
 Built-in equalizer circuit using digital operation
- AF control equalize circuit
- Any coefficient can be specified by I2C I/F
 I2C Interface
 Built-in A/D converter
- Maximum 10-bit
- Input 2 channel
 Built-in D/A converter
- 8-bit
- Output 2-channel (Hall offset, Constant current Bias)
 Built-in Hall Sensor
- Si Hall sensor
 Built-in EEPROM
- 128 byte (8 byte/page)
 Built-in VGA
- Hall Amp
 Built-in OSC
- 48MHz
 Built-in Constant Current Driver
 Package
- WL-CSP 8-pin
- Pb-Free, Halogen Free
 Supply voltage
- VDD (2.6V to 3.6V)
CMOS LSI
AF Controller
* I
2C Bus is a trademark of Philips Corporation.
WLCSP8, 1.15x2.37, 0.5P


유사한 부품 번호 - LC898214XD-MH

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC898214XC ONSEMI-LC898214XC Datasheet
281Kb / 9P
   AF Controller
January 2015 - Rev. 2
LC898214XC-MH ONSEMI-LC898214XC-MH Datasheet
281Kb / 9P
   AF Controller
January 2015 - Rev. 2
More results

유사한 설명 - LC898214XD-MH

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ENA2242 ONSEMI-ENA2242 Datasheet
168Kb / 4P
   AF Controller
November, 2013
ENA2328 ONSEMI-ENA2328 Datasheet
278Kb / 8P
   AF Controller
July, 2014
ENA2251 ONSEMI-ENA2251 Datasheet
175Kb / 5P
   AF Controller
March, 2013
ENA2241 ONSEMI-ENA2241 Datasheet
129Kb / 4P
   AF Controller
November, 2013
LC898214XC ONSEMI-LC898214XC Datasheet
281Kb / 9P
   AF Controller
January 2015 - Rev. 2
LC898219XI ONSEMI-LC898219XI Datasheet
269Kb / 9P
   Auto Focus (AF) Controller
August 2017 - Rev. P0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
logo
Maxim Integrated Produc...
MAX5980 MAXIM-MAX5980 Datasheet
3Mb / 49P
   Quad, IEEE 802.3at/af PSE Controller
Rev 1; 9/11
logo
ON Semiconductor
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com