전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF7508 데이터시트(PDF) 4 Page - GOOD-ARK Electronics

부품명 SSF7508
상세설명  75V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF7508 데이터시트(HTML) 4 Page - GOOD-ARK Electronics

  SSF7508_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF7508_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF7508_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF7508_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF7508_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF7508_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF7508_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SSF7508
75V N-Channel MOSFET
www.goodark.com
Page 4 of 7
Rev.2.3
Typical Electrical and Thermal Characteristics
Figure 2.
Gate to source cut-off voltage
Figure 1: Typical Output Characteristics
Figure 3. Drain-to-Source Breakdown Voltage vs.
Temperature
Figure 4: Normalized On-Resistance Vs. Case
Temperature


유사한 부품 번호 - SSF7508_15

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF7508A SILIKRON-SSF7508A Datasheet
387Kb / 8P
   Advanced MOSFET process technology
More results

유사한 설명 - SSF7508_15

제조업체부품명데이터시트상세설명
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
   75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
   75V N-Channel MOSFET
SSF7504 GOOD-ARK-SSF7504 Datasheet
998Kb / 6P
   75V N-Channel MOSFET
SSF7508 GOOD-ARK-SSF7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSPL7508 GOOD-ARK-SSPL7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7607 GOOD-ARK-SSF7607 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
logo
Pan Jit International I...
PJD12N08 PANJIT-PJD12N08 Datasheet
383Kb / 8P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7509 GOOD-ARK-SSF7509_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com