전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF4703DC 데이터시트(PDF) 5 Page - GOOD-ARK Electronics

부품명 SSF4703DC
상세설명  20V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF4703DC 데이터시트(HTML) 5 Page - GOOD-ARK Electronics

  SSF4703DC_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF4703DC_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF4703DC_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF4703DC_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF4703DC_15 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SSF4703DC
20V P-Channel MOSFET
www.goodark.com
Page 5 of 5
Rev.2.0
DFN3X2-8L PACKAGE INFORMATION
Dimensions in Millimeters (UNIT: mm)
COMMON DIMENSIONS(MM)
SYMBOL
MIN.
NOM.
MAX.
A
0.70
0.75
0.80
A1
0.02
0.05
b
0.25
0.30
0.35
c
0.18
0.20
0.25
D
2.90
3.00
3.10
e
0.65 BCS.
Nd
1.95 BCS.
E
1.90
2.00
2.10
L
0.28
0.35
0.42
h
0.15X45°
NOTES:
1. All dimensions are in millimeters.
2. Tolerance ±0.10mm (4 mil) unless otherwise specified
3. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 5 mils.
4. Dimension L is measured in gauge plane.
5. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.
Top View
Bottom View
Side View


유사한 부품 번호 - SSF4703DC_15

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF4703DC SILIKRON-SSF4703DC Datasheet
275Kb / 5P
   DC-DC conversion applications
logo
GOOD-ARK Electronics
SSF4703DC GOOD-ARK-SSF4703DC Datasheet
388Kb / 5P
   20V P-Channel MOSFET
More results

유사한 설명 - SSF4703DC_15

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
   20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
   20V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2301A GOOD-ARK-SSF2301A Datasheet
333Kb / 4P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
   20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2305 TSC-TSM2305 Datasheet
384Kb / 6P
   20V P-Channel MOSFET
TSM3441 TSC-TSM3441_08 Datasheet
125Kb / 6P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
   20V P-Channel MOSFET
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
   20V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com