전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF4607D 데이터시트(PDF) 7 Page - GOOD-ARK Electronics

부품명 SSF4607D
상세설명  30V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF4607D 데이터시트(HTML) 7 Page - GOOD-ARK Electronics

  SSF4607D_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF4607D_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF4607D_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF4607D_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF4607D_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF4607D_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF4607D_15 Datasheet HTML 7Page - GOOD-ARK Electronics SSF4607D_15 Datasheet HTML 8Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SSF4607D
30V P-Channel MOSFET
www.goodark.com
Page 7 of 8
Rev.1.0
Mechanical Data
Min
Nom
Max
Min
Nom
Max
A
2.200
2.300
2.380
0.087
0.091
0.094
A1
0.910
1.010
1.110
0.036
0.040
0.044
B
0.710
0.760
0.810
0.028
0.030
0.032
B1
5.130
5.330
5.460
0.202
0.210
0.215
C
0.460
0.510
0.560
0.018
0.020
0.022
D
6.000
6.100
6.200
0.236
0.240
0.244
D1
D2
E
6.500
6.600
6.700
0.256
0.260
0.264
E1
e
2.186
2.286
2.386
0.086
0.090
0.094
H
9.800
10.100
10.400
0.386
0.398
0.409
F
1.400
1.500
1.700
0.055
0.059
0.067
K
V2
5.350 (REF)
2.900 (REF)
1.600 (REF)
8
0 (REF)
8
0 (REF)
0.063 (REF)
0.211 (REF)
0.114 (REF)
Symbol
Dimension In Millimeters
Dimension In Inches
4.83 (REF)
0.190 (REF)
TO-252 PACKAGE OUTLINE DIMENSION


유사한 부품 번호 - SSF4607D_15

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF4607D SILIKRON-SSF4607D Datasheet
551Kb / 9P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF4607D GOOD-ARK-SSF4607D Datasheet
1Mb / 8P
   30V P-Channel MOSFET
More results

유사한 설명 - SSF4607D_15

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com