전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF4203 데이터시트(PDF) 7 Page - GOOD-ARK Electronics

부품명 SSF4203
상세설명  45V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF4203 데이터시트(HTML) 7 Page - GOOD-ARK Electronics

  SSF4203_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF4203_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF4203_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF4203_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF4203_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF4203_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF4203_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SSF4203
45V N-Channel MOSFET
www.goodark.com
Page 7 of 7
Rev.1.0
Ordering and Marking Information
Device Marking: SSF4203
Package (Available)
TO220
Operating Temperature Range
C : -55 to 175 ºC
Devices per Unit
Package
Type
Units/
Tube
Tubes/Inner
Box
Units/Inner
Box
Inner
Boxes/Carton
Box
Units/Carton
Box
TO220
50
20
1000
6
6000
Reliability Test Program
Test Item
Conditions
Duration
Sample Size
High
Temperature
Reverse
Bias(HTRB)
Tj=125℃ to 175℃ @
80% of Max
VDSS/VCES/VR
168 hours
500 hours
1000 hours
3 lots x 77 devices
High
Temperature
Gate
Bias(HTGB)
Tj=150℃ or 175℃ @
100% of Max VGSS
168 hours
500 hours
1000 hours
3 lots x 77 devices


유사한 부품 번호 - SSF4203_15

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF4203 SILIKRON-SSF4203 Datasheet
561Kb / 8P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF4203 GOOD-ARK-SSF4203 Datasheet
1Mb / 7P
   45V N-Channel MOSFET
More results

유사한 설명 - SSF4203_15

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AON6156 AOSMD-AON6156 Datasheet
324Kb / 6P
   45V N-Channel MOSFET
AON6154 AOSMD-AON6154 Datasheet
314Kb / 6P
   45V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF4203 GOOD-ARK-SSF4203 Datasheet
1Mb / 7P
   45V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HRLF29N045H SEMIHOW-HRLF29N045H Datasheet
537Kb / 7P
   45V N-Channel Trench MOSFET
logo
Diodes Incorporated
DMN4060SVT DIODES-DMN4060SVT Datasheet
212Kb / 7P
   45V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4060SVT DIODES-DMN4060SVT_15 Datasheet
212Kb / 7P
   45V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Will Semiconductor Ltd.
WNM4006 WILLSEMI-WNM4006 Datasheet
137Kb / 7P
   Single N-Channel, 45V, 1.7A, Power MOSFET
logo
Alpha & Omega Semicondu...
AON6152 AOSMD-AON6152 Datasheet
237Kb / 6P
   45V N-Channel AlphaSGT
logo
Rohm
QS6K21FRA ROHM-QS6K21FRA Datasheet
1Mb / 14P
   Nch 45V 1A Power MOSFET
RSD046P05FRA ROHM-RSD046P05FRA Datasheet
596Kb / 16P
   Pch 45V 4.5A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com