전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSAFZ33N20A 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 MSAFZ33N20A
상세설명  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSAFZ33N20A 데이터시트(HTML) 1 Page - Microsemi Corporation

  MSAFZ33N20A Datasheet HTML 1Page - Microsemi Corporation MSAFZ33N20A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSAEZ33N20A
MSAFZ33N20A
200 Volts
33 Amps
70 m
Features
• Ultrafast rectifier in parallel with the body diode (MSAE type only)
• Rugged polysilicon gate cell structure
• Increased Unclamped Inductive Switching (UIS) capability
• Hermetically sealed, surface mount power package
• Low package inductance
Very low thermal resistance
Reverse polarity available upon request
DESCRIPTION
SYMBOL
MAX.
UNIT
Drain-to-Source Breakdown Voltage (Gate Shorted to Source)
@ TJ
≥ 25°C
BVDSS
200
Volts
Drain-to-Gate Breakdown Voltage @ TJ
≥ 25°C, RGS= 1 MΩ
BVDGR
200
Volts
Continuous Gate-to-Source Voltage
VGS
+/-20
Volts
Transient Gate-to-Source Voltage
VGSM
+/-30
Volts
Continuous Drain Current
Tj= 25
°C
Tj=
100
°C
ID25
ID100
33
20
Amps
Peak Drain Current, pulse width limited by TJmax
IDM
132
Amps
Repetitive Avalanche Current
IAR
33
Amps
Repetitive Avalanche Energy
EAR
16
mJ
Single Pulse Avalanche Energy
EAS
790
mJ
Voltage Rate of Change of the Recovery Diode
@ IS
≤ IDM, di/dt ≤ 100 A/µs, VDD ≤ VDSS, TJ ≤ 150°C
dv/dt
TBD
V/ns
Power Dissipation
PD
300
Watts
Junction Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Continuous Source Current (Body Diode)
IS
33
Amps
Pulse Source Current (Body Diode)
ISM
132
Amps
Thermal Resistance, Junction to Case
θ
JC
0.4
°C/W
Maximum Ratings @ 25
°°C (unless otherwise specified)
Mechanical Outline
Datasheet# MSC0300A
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
N-CHANNEL
ENHANCEMENT MODE
POWER MOSFET
DRAIN
SOURCE
GATE


유사한 부품 번호 - MSAFZ33N20A

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
MSAFZ50N10A MICROSEMI-MSAFZ50N10A Datasheet
48Kb / 2P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

유사한 설명 - MSAFZ33N20A

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com