전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5006 데이터시트(PDF) 9 Page - Nippon Precision Circuits Inc

부품명 SM5006
상세설명  Crystal Oscillator Module ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5006 데이터시트(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5006 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5006 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5006 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5006 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5006 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5006 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5006 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5006 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5006 Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SM5006 series
NIPPON PRECISION CIRCUITS—9
5006
×K series
VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C unless otherwise noted.
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
HIGH-level output voltage
V OH
Q: Measurement cct 1,
V DD = 4.5 V,
IOH = 16 m A
SM5006AKAS , CF5006AKA
SM5006AKBS , CF5006AKB
SM5006AKCS , CF5006AKC
SM5006CKDS , CF5006CKD
SM5006DKCS , CF5006DKC
3.9
4.2
V
SM5006AKDS , CF5006AKD
SM5006BKCS , CF5006BKC
4.0
4.2
L O W -level output voltage
V OL
Q: Measurement cct 2, V DD = 4.5 V, IOL = 16 m A
0.3
0.4
V
Output leakage current
IZ
Q: Measurement cct 2, I N H = L O W ,
V DD = 5.5 V
V OH = V DD
––
1 0
µA
V OL = V SS
––
1 0
HIGH-level input voltage
V IH
INH
2.0
V
L O W -level input voltage
V IL
INH
0.8
V
Current consumption
IDD
INH = open,
Measurement cct 3,
load cct 1,
V DD = 4.5 to 5.5 V,
C L = 15 pF
f = 30 M H z
SM5006AKAS
CF5006AKA
–1 6
3 2
mA
f = 40 M H z
SM5006AKBS
CF5006AKB
–1 8
3 6
f = 60 MHz,
Ta = –15 to 75
°C
CF5006AKC
CF5006DKC
–2 5
5 0
f = 60 MHz,
Ta = 0 to 70
°C
SM5006AKCS
SM5006DKCS
–2 5
5 0
f = 70 MHz,
Ta = –20 to 80
°C
CF5006AKD
CF5006BKC
–3 5
7 0
f = 70 MHz,
Ta = –15 to 75
°C
CF5006CKD
3 5
7 0
f = 70 MHz,
Ta = 0 to 70
°C
SM5006AKDS
SM5006BKCS
SM5006CKDS
–3 5
7 0
INH pull-up resistance
R UP
Measurement cct 4
5 0
1 5 0
k
Feedback resistance
R f
Measurement cct 5
SM5006AKAS , CF5006AKA
6.97
8.2
9.43
k
SM5006AKBS , CF5006AKB
4.76
5.6
6.44
SM5006AKCS , CF5006AKC
4.16
4.9
5.64
SM5006AKDS , CF5006AKD
SM5006CKDS , CF5006CKD
2.21
2.6
2.99
Built-in resistance
R G
Design value, determined by the Rf value
1 7
2 0
2 3
R D
Design value, determined by the Rf value
1 7
2 0
2 3
Built-in capacitance
C G
Design value, determined by the internal wafer pattern
7.44
8
8.56
pF
C D
Design value, determined by the internal wafer pattern
14.88
1 6
17.12


유사한 부품 번호 - SM5006

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
129Kb / 19P
   Crystal Oscillator Module ICs
SM5006AHAS NPC-SM5006AHAS Datasheet
129Kb / 19P
   Crystal Oscillator Module ICs
SM5006AHBS NPC-SM5006AHBS Datasheet
129Kb / 19P
   Crystal Oscillator Module ICs
SM5006AHCS NPC-SM5006AHCS Datasheet
129Kb / 19P
   Crystal Oscillator Module ICs
SM5006AHDS NPC-SM5006AHDS Datasheet
129Kb / 19P
   Crystal Oscillator Module ICs
More results

유사한 설명 - SM5006

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com