전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC717A00AJ 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 LC717A00AJ
상세설명  Capacitance-Digital-Converter LSI
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC717A00AJ 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button LC717A00AJ Datasheet HTML 3Page - ON Semiconductor LC717A00AJ Datasheet HTML 4Page - ON Semiconductor LC717A00AJ Datasheet HTML 5Page - ON Semiconductor LC717A00AJ Datasheet HTML 6Page - ON Semiconductor LC717A00AJ Datasheet HTML 7Page - ON Semiconductor LC717A00AJ Datasheet HTML 8Page - ON Semiconductor LC717A00AJ Datasheet HTML 9Page - ON Semiconductor LC717A00AJ Datasheet HTML 10Page - ON Semiconductor LC717A00AJ Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LC717A00AJ
No.A2089-9/11
Pin Functions
Pin Name
I/O
Pin Functions
Pin Type
Cin0
I/O
Capacitance sensor input
Cin1
I/O
Capacitance sensor input
Cin2
I/O
Capacitance sensor input
Cin3
I/O
Capacitance sensor input
Cin4
I/O
Capacitance sensor input
Cin5
I/O
Capacitance sensor input
Cin6
I/O
Capacitance sensor input
Cin7
I/O
Capacitance sensor input
Cref
I/O
Reference capacitance input
R
AMP
VDD
VSS
Buffer
Pout0
O
Cin0 judgment result output
Pout1
O
Cin1 judgment result output
Pout2
O
Cin2 judgment result output
Pout3
O
Cin3 judgment result output
Pout4
O
Cin4 judgment result output
Pout5
O
Cin5 judgment result output
Pout6
O
Cin6 judgment result output
Pout7
O
Cin7 judgment result output
ERROR
O
Error occurrence status output
Cdrv
O
Output for capacitance sensors drive
INTOUT
O
Interrupt output
VDD
VSS
Buffer
SCL/SCK
I
Clock input (I
2C)
/ Clock input (SPI)
GAIN
I
Selection pin of the initial value of gain of the
2nd-amplifier
nCS
I
Interface selection
/ Chip select inverting input (SPI)
nRST
I
External reset signal inverting input
VDD
VSS
R
SDA/SI
I/O
Data input and output (I
2C)
/ Data input (SPI)
VDD
VSS
R
SA/SO
I/O
Slave address selection (I
2C)
/ Data output (SPI)
VDD
VSS
R
Buffer
VDD
Power supply (2.6V to 5.5V) *1
VSS
Ground (Earth) *1 *2
*
1) Inserting a high-valued capacitor and a low-valued capacitor in parallel between VDD and VSS is recommended.
In this case, the small-valued capacitor should be at least 0.1
μF, and is mounted near the LSI.
*
2) When VSS terminal is not grounded in battery-powered mobile equipment, detection sensitivity may be degraded.


유사한 부품 번호 - LC717A00AJ

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC717A00AJ SANYO-LC717A00AJ Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
LC717A00AJ ONSEMI-LC717A00AJ Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
LC717A00AJ-AH ONSEMI-LC717A00AJ-AH Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
LC717A00AJ ONSEMI-LC717A00AJ_17 Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
More results

유사한 설명 - LC717A00AJ

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC717A00AR ONSEMI-LC717A00AR Datasheet
139Kb / 13P
   Capacitance-Digital-Converter LSI
October, 2017 ??Rev. 3
LC717A30UJ ONSEMI-LC717A30UJ Datasheet
335Kb / 14P
   Capacitance-Digital-Converter LSI
2016 December - Rev. 0
LC717A10AJ ONSEMI-LC717A10AJ Datasheet
146Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
LC717A10PJ ONSEMI-LC717A10PJ Datasheet
240Kb / 14P
   Capacitance-Digital-Converter LSI
May, 2014
LC717A10AR ONSEMI-LC717A10AR Datasheet
147Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
ENA2089A ONSEMI-ENA2089A Datasheet
146Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
logo
Sanyo Semicon Device
LC717A10AJ SANYO-LC717A10AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A00AR SANYO-LC717A00AR Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A10AR SANYO-LC717A10AR Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
ENA2162 ONSEMI-ENA2162 Datasheet
144Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com