전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC75055PE 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 LC75055PE
상세설명  Car Audio DSP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75055PE 데이터시트(HTML) 3 Page - ON Semiconductor

  LC75055PE Datasheet HTML 1Page - ON Semiconductor LC75055PE Datasheet HTML 2Page - ON Semiconductor LC75055PE Datasheet HTML 3Page - ON Semiconductor LC75055PE Datasheet HTML 4Page - ON Semiconductor LC75055PE Datasheet HTML 5Page - ON Semiconductor LC75055PE Datasheet HTML 6Page - ON Semiconductor LC75055PE Datasheet HTML 7Page - ON Semiconductor LC75055PE Datasheet HTML 8Page - ON Semiconductor LC75055PE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LC75055PE
No.A2168-3/26
DC Electrical Characteristics at Ta = -40 to 85
C, DVSS_1 to 3 = COAVSS1 to 6 =AVB = XVSS = AVCOVSS = 0V
Parameter
Symbol
Conditions and applicable pin
min
typ
max
Unit
Input high level current
IIH
All digital input pin
10
A
Input low level current
IIL
All digital input pin
-10
A
Output high level voltage
VOH
IOH = -2mA:
Digital output pin except for DSPIO4, SDAS
2.4
V
IOH = -4mA:
DSPIO4, SDAS
2.4
V
Output low level voltage
VOL
IOL = 2mA:
Digital output pin except for DSPIO4, SDAS
0.4
V
IOL = 4mA:
DSPIO4, SDAS
0.4
V
Output OFF leak current
IOFF
Unloaded:
All digital output pin
-10
10
A
Crystal oscillator feedback
resistance
Rf
XIN, XOUT
1.0
M
CODEC reference voltage
VREF
ADC_REF, ADC_REF
0.5*AVDD
V
Power supply current
IDDA33
COAVDD1, 2, 3, 4, 5, 6
AVCOAVDD
110
157
mA
IDDD33
DVDD33, XVDD
10
12.5
mA
IDDD15
DVDD_1, 2
120
173
mA
AC Electrical Characteristics at AVDD = DVDD33 = AVCOVDD = 3.3V,
DVSS_1 to 3 = COAVSS1 to 6 =AVB = XVSS = AVCOVSS = 0V
Ta = 25
C, fs = 44.1kHz, signal frequency 1kHz, measurement band = 10Hz to 20kHz
Parameter
Symbol
Conditions and applicable pin
min
typ
max
Unit
(Input selector + ADC)
Full-scale analog input level
0.85*AVDD
Vp-p
Analog block input impedance
20
30
k
Gain setting level
-12
+19
dB
Gain setting step
1
dB
Error between gain setting steps
-0.5
+0.5
dB
S/N
w/ A-weighted
90
95
dB
w/o A-weighted
87
92
dB
Dynamic range
w/ A-weighted
90
95
dB
w/o A-weighted
87
92
dB
THD+N
Input condition: -3dBFS
-90
-80
dB
Cross talk 1
Input condition: -3dBFS, 1kHz
Cross talk between AUX Lch and Rch when
AUX differential input is used.
-75
-65
dB
Cross talk 2
Input condition: -3dBFS, 1kHz
Other than cross talk1
-90
-80
dB
(ADC digital filter)
Pass band frequency
0
0.4535
fs
Stop band frequency
0.5465
fs
Pass band ripple
0.04
dB
Stop band attenuation
-69
dB
HPF cutoff frequency DC for
offset cancellation
fs: 44.1kHz
0.86
Hz
(Audio DAC)
Full-scale analog output level
0.85*AVDD
Vp-p
S/N
w/ A-weighted
94
100
dB
w/o A-weighted
91
97
dB
Dynamic range
w/ A-weighted
94
100
dB
w/o A-weighted
91
97
dB
THD+N
-3dBFS
-91
-80
dB
Cross talk
Input condition: full-scale, 1kHz
-100
-85
dB
Mute level
w/ A-weighted
94
100
dB
Continued on next page.


유사한 부품 번호 - LC75055PE

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC750512E SANYO-LC750512E Datasheet
84Kb / 9P
   CMOS IC Audistry support Audio DSP
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
ON Semiconductor
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
LC75056PE-H ONSEMI-LC75056PE-H Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
More results

유사한 설명 - LC75055PE

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
   Car Audio DSP
March 2015 - Rev. 2
logo
Sanyo Semicon Device
LC75010W SANYO-LC75010W Datasheet
128Kb / 12P
   LC75010W Car Audio DSP
logo
NXP Semiconductors
SAF7741HV NXP-SAF7741HV Datasheet
1Mb / 83P
   Dual IF car radio and audio DSP
Rev. 05 - 09 May 2008
logo
STMicroelectronics
TDA7502 STMICROELECTRONICS-TDA7502 Datasheet
58Kb / 8P
   IN-CAR REMOTE AMPLIFIER DSP
TDA7502 STMICROELECTRONICS-TDA7502_06 Datasheet
268Kb / 25P
   In-car remote amplifier DSP
logo
Rohm
BU9414FV ROHM-BU9414FV Datasheet
1Mb / 61P
   32bit Audio DSP
BU9409FV ROHM-BU9409FV_12 Datasheet
1Mb / 58P
   32bit Audio DSP
logo
HuaXinAn Electronics CO...
AK7736BVQ HUAXINAN-AK7736BVQ Datasheet
1Mb / 22P
   Audio/HF DSP
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
logo
ON Semiconductor
LV25810PEB ONSEMI-LV25810PEB Datasheet
1Mb / 28P
   Bi-CMOS LSI Car DSP Tuner
June, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com