전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC786800E-H 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LC786800E-H
상세설명  Compressed Audio signal Processor IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786800E-H 데이터시트(HTML) 2 Page - ON Semiconductor

  LC786800E-H Datasheet HTML 1Page - ON Semiconductor LC786800E-H Datasheet HTML 2Page - ON Semiconductor LC786800E-H Datasheet HTML 3Page - ON Semiconductor LC786800E-H Datasheet HTML 4Page - ON Semiconductor LC786800E-H Datasheet HTML 5Page - ON Semiconductor LC786800E-H Datasheet HTML 6Page - ON Semiconductor LC786800E-H Datasheet HTML 7Page - ON Semiconductor LC786800E-H Datasheet HTML 8Page - ON Semiconductor LC786800E-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LC786800E
No.A2082-2/26
Continued from the previous page.
 Three stereo channels of analog input and four channels of Electronic Volume output (LF, LR, RF, RR)
 ARM7TDMI-S™ as internal CPU core, flash memory for program and various data storage
 Operating voltage: 3.3V typical
 Operating temperature: -40C to +85C
 Packages: QIP100 (14  20)
Detail of Functions
Compressed audio functions
 MP3 decode (ISO/IEC 11172-3, ISO/IEC 13818-3)
Sampling rate support:
MPEG1-Layer1/2/3 (32kHz, 44.1kHz, 48kHz)
MPEG2-Layer1/2/3 (16kHz, 22.05kHz, 24kHz)
MPEG2.5-Layer3 (8kHz, 11.025kHz, 12kHz)
Bit rate support:
All Bit Rate (Variable Bit Rate support)
MPEG header read support
 MP3 encode (ISO/IEC 11172-3)
MPEG1-Layer3
Sampling rate:
44.1kHz
Bit rate:
32kbps to 320kbps (Not support variable bit rate)
 WMA decode (Version 9 standard)
Sampling rate support:
8kHz, 11.025kHz, 16kHz, 22.05kHz, 32kHz, 44.1kHz, 48kHz
Bit rate support:
5kbps to 384kbps (Variable Bit Rate support)
 AAC decode (ISO/IEC 14496-3, ISO/IEC 13818-7)
Profile:
MPEG4-AAC-LowComplexity
Sampling rate support:
8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz,
48kHz
Bit rate support:
Monaural
8kbps to 160kbps (Variable bit rate support)
Stereo
16kbps to 320kbps (Variable bit rate support)
Audio processing functions
<Audio data processing block>
 Our original surround (AViSS)
 7band graphic equalizer
 Sampling Rate Converter (Fs = 44.1kHz) and High frequency compensation filter for compressed audio
playback
 Mute function (-12dB, -)and Digital attenuator
 De-emphasis filter
<Audio input processing block>
 Analog Audio data input (Three channels by stereo)
Single Ended input:
2 channels
Differential input:
1 channel (single end operation is also available)
Input Gain:
-12.5dB to +18.5dB (1dB step)
24bit accuracy AD converter (Three input selector)
 Digital Audio data input (Three channels by stereo)
Four signals connection (384Fs, LRCK, BCK and DATA) is required.
Corresponding in one of two ways.
(1) 384Fs input and three lines input synchronized.
(2) 384Fs output and three lines input synchronized.
Data Format: IIS, MSB first right justified, etc.


유사한 부품 번호 - LC786800E-H

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
More results

유사한 설명 - LC786800E-H

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E_16 Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
U7313 UTC-U7313_15 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
logo
Princeton Technology Co...
PT2319 PTC-PT2319 Datasheet
362Kb / 17P
   Audio Processor IC
logo
Samsung semiconductor
KA22293-Q SAMSUNG-KA22293-Q Datasheet
205Kb / 8P
   AUDIO SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7340G STMICROELECTRONICS-TDA7340G Datasheet
205Kb / 27P
   AUDIO SIGNAL PROCESSOR
September 1999
logo
Mitsubishi Electric Sem...
M61511FP MITSUBISHI-M61511FP Datasheet
2Mb / 10P
   AUDIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com