전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY500-50 데이터시트(PDF) 1 Page - GOOD-ARK Electronics

부품명 BY500-50
상세설명  Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 5.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BY500-50 데이터시트(HTML) 1 Page - GOOD-ARK Electronics

  BY500-50_15 Datasheet HTML 1Page - GOOD-ARK Electronics BY500-50_15 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
1. Reverse Recovery Test Conditions: I
F=0.5A, IR=1.0A, IRR=0.25A
2. Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length with both leads to heat sink
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
145
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
Ratings at 25oC ambient temperature unless otherwise specified.
Plastic package has Underwriters Laboratories Flammability
Classification 94V-0
High surge current capability
Fast switching for high efficiency
High forward current operation at T
L=45
oC
Construction utilizes void-free molded plastic technique
Especially designed for applications such as switch mode
power supplies, inverters, converters, TV scanning,
Ultrasonic-systems, speed controlled DC motors, low RF
interference and free wheeling diode circuits
High temperature soldering guaranteed:
250oC/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
T
J is 150
oC (Max.) and T
STG is 175
oC (Max.) with PI glue
Case: JEDEC DO-201AD, molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.042 ounce, 1.195 grams
0
0
0
1
-
0
0
5
Y
B
u
r
h
t
0
5
-
0
0
5
Y
B
s
r
e
i
f
i
t
c
e
R
y
r
e
v
o
c
e
R
t
s
a
F
s
e
r
e
p
m
A
0
.
5
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
0
0
1
o
t
0
5
e
g
a
t
l
o
V
e
s
r
e
v
e
R
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
S
0
0
5
Y
B
0
5
-
0
0
5
Y
B
0
0
1
-
0
0
5
Y
B
0
0
2
-
0
0
5
Y
B
0
0
4
-
0
0
5
Y
B
0
0
6
-
0
0
5
Y
B
0
0
8
-
0
0
5
Y
B
0
0
0
1
-
s
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
5
30
70
4
10
8
20
2
40
6
50
0
7s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
T
t
a
h
t
g
n
e
l
d
a
e
l
)
m
m
5
.
9
(
"
5
7
3
.
0
L
5
4
=
oC
I
)
V
A
(
F
0
.
5s
p
m
A
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
0
1
T
t
a
d
a
o
l
d
e
t
a
r
A
5
2
=
oC
I
M
S
F
0
.
0
0
2s
p
m
A
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MI
M
R
F
0
1s
p
m
A
A
0
.
5
t
a
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
MV
F
5
3
.
1s
t
l
o
V
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
T
@
A
5
2
=
oC
T
@
A
0
0
1
=
oC
I
R
0
.
0
1
0
.
1
uA
A
m
)
1
e
t
o
N
(
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
r
m
u
m
i
x
a
Mt
r
r
0
0
2
nS
z
H
M
1
,
V
0
.
4
t
a
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
TC
J
8
2
pF
)
2
e
t
o
N
(
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
TR
θ A
J
2
2
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC


유사한 부품 번호 - BY500-50_15

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
BY500-50 DIOTEC-BY500-50_15 Datasheet
131Kb / 2P
   Fast Recovery Rectifier Diodes
More results

유사한 설명 - BY500-50_15

제조업체부품명데이터시트상세설명
logo
Kingtronics Internation...
FR201 KINGTRONICS-FR201 Datasheet
168Kb / 2P
   FAST RECOVERY RECTIFIERS Reverse Voltage - 50 to 1000 Volts Forward Current - 2.0 Amperes
FR151 KINGTRONICS-FR151 Datasheet
168Kb / 2P
   FAST RECOVERY RECTIFIERS Reverse Voltage - 50 to 1000 Volts Forward Current - 1.5 Amperes
logo
First Silicon Co., Ltd
ES5A FS-ES5A Datasheet
114Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 5.0 Amperes
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51_15 Datasheet
156Kb / 2P
   Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 5.0 Amperes
GR3AB GOOD-ARK-GR3AB_15 Datasheet
157Kb / 2P
   Fast Recovery Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
GROA GOOD-ARK-GROA_15 Datasheet
168Kb / 2P
   Fast Recovery Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
GR3A GOOD-ARK-GR3A_15 Datasheet
178Kb / 2P
   Fast Recovery Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
FR151G GOOD-ARK-FR151G_15 Datasheet
178Kb / 2P
   Glass Passivated Fast Recovery Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
GROAA GOOD-ARK-GROAA_15 Datasheet
147Kb / 2P
   Fast Recovery Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
SF601 GOOD-ARK-SF601_15 Datasheet
191Kb / 2P
   Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 6.0 Amperes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com