전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT86 데이터시트(PDF) 1 Page - GOOD-ARK Electronics

부품명 BAT86
상세설명  Small-Signal Diode Schottky Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BAT86 데이터시트(HTML) 1 Page - GOOD-ARK Electronics

  BAT86_15 Datasheet HTML 1Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
677
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(Ratings at 25oC ambient temperature unless otherwise specified.)
For general purpose applications.
This diode features low turn-on voltage. This device is
protected by a PN junction guard ring against excessive
voltage, such as electrostatic discharges
Metal-on-silicon Schottky barrier device which is protected by a
PN junction guard ring. The low forward voltage drop and fast
switching make it ideal for protection of MOS devices, steering,
biasing and coupling diodes for fast switching and low logic
level applications.
This diode is also available in the MiniMELF case with type
designation BAS86.
Case: DO-35 Glass Case
Weight: approx. 0.13g
6
8
T
A
B
e
d
o
i
D
l
a
n
g
i
S
-
ll
a
m
S
e
d
o
i
D
y
k
t
t
o
h
c
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
s
u
o
u
n
i
t
n
o
CV
R
0
5s
t
l
o
V
T
t
a
t
n
e
r
r
u
c
s
u
o
u
n
i
t
n
o
c
d
r
a
w
r
o
F
b
m
a
5
2
=
oCI
F
0
0
2
)
1
(
A
m
t
n
e
r
r
u
c
d
r
a
w
r
o
f
k
a
e
p
e
v
i
t
i
t
e
p
e
R
t
t
a
p
,
s
1
<
υ<
T
,
5
.
0
b
m
a
5
2
=
oC
I
M
R
F
0
0
5
)
1
(
A
m
T
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
b
m
a
5
2
=
oCP
t
o
t
0
0
2
)
1
(
W
m
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
TR
θ A
J
0
0
3
)
1
(o
W
/
C
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
JT
j
5
2
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
o
t
n
e
i
b
m
AT
b
m
a
5
2
1
+
o
t
5
6
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
S
0
5
1
+
o
t
5
6
-
oC
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
J=25
oC unless otherwise noted.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
b
e
s
r
e
v
e
RV
R
)
R
B
(
I
R
0
1
=
u
)
d
e
s
l
u
p
(
A0
5-
-
s
t
l
o
V
t
n
e
r
r
u
c
e
g
a
k
a
e
LI
R
V
R
V
0
4
=-
3
.
00
.
5
uA
e
g
a
t
l
o
v
d
r
a
w
r
o
F
t
t
s
e
t
e
s
l
u
p
p
0
0
3
<
u ,
s
δ %
2
<
V
F
I
F
A
m
1
.
0
=
I
F
A
m
1
=
I
F
A
m
0
1
=
I
F
A
m
0
3
=
I
F
A
m
0
0
1
=
-
-
-
-
-
0
0
2
.
0
5
7
2
.
0
5
6
3
.
0
0
6
4
.
0
0
0
7
.
0
0
0
3
.
0
0
8
3
.
0
0
5
4
.
0
0
0
6
.
0
0
0
9
.
0
t
l
o
V
e
c
n
a
t
i
c
a
p
a
CC
t
o
t
V
R
z
H
M
1
=
f
,
V
1
=-
-
8
pF
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
Rt
r
r
I
F
I
,
A
m
0
1
=
R
,
A
m
0
1
=
I
o
t
R
A
m
1
=
--
5
ns
Notes:
1. Valid provided that leads at a distance of 4mm from case are kept at ambient temperature.


유사한 부품 번호 - BAT86_15

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
BAT86 MCC-BAT86_12 Datasheet
254Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODES
More results

유사한 설명 - BAT86_15

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
BAT41 GOOD-ARK-BAT41_15 Datasheet
133Kb / 2P
   Small-Signal Diode Schottky Diode
BAS85 GOOD-ARK-BAS85 Datasheet
60Kb / 1P
   Small-Signal Diode Schottky Diode
BAT48 GOOD-ARK-BAT48_15 Datasheet
106Kb / 3P
   Small-Signal Diode Schottky Diode
BAS86 GOOD-ARK-BAS86 Datasheet
60Kb / 2P
   Small-Signal Diode Schottky Diode
BAS86 GOOD-ARK-BAS86_15 Datasheet
60Kb / 2P
   Small-Signal Diode Schottky Diode
LL46 GOOD-ARK-LL46_15 Datasheet
60Kb / 1P
   Small-Signal Diode Schottky Diode
LL41 GOOD-ARK-LL41_15 Datasheet
60Kb / 1P
   Small-Signal Diode Schottky Diode
LL48 GOOD-ARK-LL48_15 Datasheet
62Kb / 2P
   Small-Signal Diode Schottky Diode
BAT85 GOOD-ARK-BAT85_15 Datasheet
128Kb / 2P
   Small-Signal Diode Schottky Diode
LL46 GOOD-ARK-LL46 Datasheet
60Kb / 1P
   Small-Signal Diode Schottky Diode
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com