전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA8153QA 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LA8153QA
상세설명  Down Converter IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA8153QA 데이터시트(HTML) 2 Page - ON Semiconductor

  LA8153QA Datasheet HTML 1Page - ON Semiconductor LA8153QA Datasheet HTML 2Page - ON Semiconductor LA8153QA Datasheet HTML 3Page - ON Semiconductor LA8153QA Datasheet HTML 4Page - ON Semiconductor LA8153QA Datasheet HTML 5Page - ON Semiconductor LA8153QA Datasheet HTML 6Page - ON Semiconductor LA8153QA Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA8153QA
No.A2293-2/7
Electrical Characteristics
at Ta
 25C, VCC = 3.3V
Parameter
Symbol
Pin No.
Conditions
Ratings
Unit
min
typ
max
Circuit Current
Itotal
3, 6, 17, 18, 27, 28
No Signal
77
100
130
mA
Power Save Current
Ips
3, 6, 17, 18, 27, 28
No Signal
17
23
32
mA
RF Input Frequency Range
f(RF)
8, 9
fc = -3dB
50
150
MHz
RF AGC Range
GR1
27, 28
V11=2.5 to 0V
40
48
dB
Mixer Conversion Gain
CG1
27 / 8
28 / 8
V11=2.5V
23
26
29
dB
Mixer Inter Modulation 1
IM3 (1)
27 / 8
28 / 8
Input=70dB
V
V11=2.5V
40
50
dB
IF Input Frequency Range
f(IF)
23, 24
fc = -3dB
30
100
MHz
IF Amplifier Gain
G(AGC)
19 / 23, 24
20 / 23, 24
V11=2.5V
50
54
58
dB
IF Inter Modulation 2
IM3(2)
19 / 23, 24
20 / 23, 24
Output=105dB
V
(99dB
V / tone)
50
60
dB
IF AGC Range
GR2
19, 20
IF Output Level <
1dB
35
dB
IF AGC Output Level
VO(IF)1
19
Single output
0.5
Vp-p
IF AGC Output Level
VO(IF)2
20
Single output
0.5
Vp-p
Package Dimensions
unit : mm
VQFN28 5x5, 0.5P / VQFN28U
CASE 508AV
ISSUE O


유사한 부품 번호 - LA8153QA

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA8153LF SANYO-LA8153LF Datasheet
176Kb / 7P
   Down Converter IC
More results

유사한 설명 - LA8153QA

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA8153LF SANYO-LA8153LF Datasheet
176Kb / 7P
   Down Converter IC
logo
Sony Corporation
CXA3355ER SONY-CXA3355ER Datasheet
295Kb / 28P
   GPS Down Converter IC
CXA3355TQ SONY-CXA3355TQ Datasheet
258Kb / 21P
   GPS Down Converter IC
CXA3355AER SONY-CXA3355AER Datasheet
410Kb / 29P
   GPS Down Converter IC
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
logo
NEC
UPC2782GR NEC-UPC2782GR Datasheet
190Kb / 20P
   L BAND DOWN CONVERTER IC
logo
Panasonic Semiconductor
AN18401A PANASONIC-AN18401A Datasheet
245Kb / 8P
   Down Converter IC for GPS
logo
ATMEL Corporation
ATR2809 ATMEL-ATR2809_06 Datasheet
172Kb / 3P
   5.8-GHz Down Converter IC
ATR2809 ATMEL-ATR2809 Datasheet
145Kb / 3P
   5.8-GHz DOWN CONVERTER IC
logo
Toshiba Semiconductor
TA4301F TOSHIBA-TA4301F Datasheet
221Kb / 8P
   DOWN CONVERTER FOR BS TUNER IC
More results


Html Pages

1 2 3 4 5 6 7