전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11696V 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LB11696V
상세설명  Direct PWM Drive Brushless Motor Predriver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11696V 데이터시트(HTML) 2 Page - ON Semiconductor

  LB11696V Datasheet HTML 1Page - ON Semiconductor LB11696V Datasheet HTML 2Page - ON Semiconductor LB11696V Datasheet HTML 3Page - ON Semiconductor LB11696V Datasheet HTML 4Page - ON Semiconductor LB11696V Datasheet HTML 5Page - ON Semiconductor LB11696V Datasheet HTML 6Page - ON Semiconductor LB11696V Datasheet HTML 7Page - ON Semiconductor LB11696V Datasheet HTML 8Page - ON Semiconductor LB11696V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LB11696V
www.onsemi.com
2
Allowable Operating Ranges
at Ta = 25 C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range 1-1
VCC1-1
VCC pin
8 to 17
V
Supply voltage range 1-2
VCC1-2
VCC pin, when VCC is shorted to VREG.
4.5 to 5.5
V
Output current
IO
UL, VL, WL, UH, VH, and WH pins
25
mA
5 V constant voltage output current
IREG
HP pin applied voltage
VHP
0 to 17
V
HP pin output current
IHP
0 to 15
mA
RD pin applied voltage
VRD
0 to 17
V
RD pin output current
IRD
0 to 15
mA
Electrical Characteristics
at Ta = 25 C, VCC = 12 V
Parameter
Symbol
Ratings
Unit
min
typ
max
Current drain 1
ICC1
12
16
mA
Current drain 2
ICC2
2.5
4
mA
[5 V Constant Voltage Output (VREG pin)]
Output voltage
VREG
4.7
5.0
5.3
V
Line regulation
ΔVREG1
V
40
100
mV
Load regulation
ΔVREG2
I
10
30
mV
Temperature coefficient
Δ
0
[Output Block]
Output voltage 1-1
VOUT
Output voltage 1-2
VOUT
Output voltage 2
VOUT
Output leakage current
IOleak
[Hall Amplifier Block]
Input bias current
IHB (HA)
Common-mode input voltage range 2
VICM2
Hall Input Sensitivity
Hysteresis
ΔVIN (HA)
Input voltage low
→ high
VSLH (HA)
Input voltage high
→ low
VSHL (HA)
[CTL Amplifier]
Input offset voltage
VIO (CTL)
Input bias current
IB (CTL)
Common-mode input voltage range
VICM
High-level output voltage
VOH
Low-level output voltage
VOL
Open-loop gain
[PWM Oscillator (PWM pin)]
High-level output voltage
VOH (PWM)
Low-level output voltage
VOL (PWM)
External capacitor charge current
ICHG
VPWM = 2.1 V
Oscillator frequency
f (PWM)
C = 2000 pF
Amplitude
V (PWM)
[TOC pin]
Input voltage 1
VTOC1
Output duty: 100%
2.68
3.0
3.34
V
Input voltage 2
VTOC2
Output duty: 0%
1.2
1.35
1.5
V
Input voltage 1 low
VTOC1L
Design target value, when VREG = 4.7 V, 100%
2.68
2.82
2.96
V
Input voltage 2 low
VTOC2L
Design target value, when VREG = 4.7 V, 0%
1.23
1.29
1.34
V
Input voltage 1 high
VTOC1H
Design target value, when VREG = 5.3 V, 100%
3.02
3.18
3.34
V
Input voltage 2 high
VTOC2H
Design target value, when VREG = 5.3 V, 0%
1.37
1.44
1.50
V
[HP Pin]
Output saturation voltage
VHPL
IO = 10 mA
0.2
0.5
V
Output leakage current
IHPleak
VO = 18 V
10
μA
Continued on next page.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


유사한 부품 번호 - LB11696V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
LB11696V ONSEMI-LB11696V Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V-MPB-E ONSEMI-LB11696V-MPB-E Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
More results

유사한 설명 - LB11696V

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
LB11696V ONSEMI-LB11696V_18 Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
logo
Sanyo Semicon Device
ENA2005-D SANYO-ENA2005-D Datasheet
236Kb / 19P
   For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LV8136V SANYO-LV8136V Datasheet
236Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
logo
ON Semiconductor
LV8136V ONSEMI-LV8136V Datasheet
214Kb / 19P
   Direct PWM Drive, Quiet Predriver IC
May, 2013
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com