전자부품 데이터시트 검색엔진 |
|
LC79431KNE 데이터시트(PDF) 1 Page - ON Semiconductor |
|
LC79431KNE 데이터시트(HTML) 1 Page - ON Semiconductor |
1 / 7 page 91912HKPC 20080310-S00005 No. A2124-1/7 http://onsemi.com Semiconductor Components Industries, LLC, 2013 July, 2013 LC79431KNE Overview The LC79431KNE is a large-scale dot matrix LCD common driver LSI. The LC79431KNE contains an 80-bit bidirectional shift register and is equipped with a 4-level LCD driver. The input/output pins for cascade connection can be used to further increase the IC’s number of bits. The LC79431KNE can be used in conjunction with segment driver LC79401KNE (QIP100E) to drive a wide-screen LCD panel. Features • On-chip LCD drive circuit (80 bits) • Display duty selection ranging from 1/64 to 1/256 • On-chip input/output pins support a further increases in bit number • Supports externally supplied bias voltage • Operating power supply voltage/operating temperature include VDD (Logic section) : 2.7 to 5.5V/-20 to +85°C VDD-VEE (LCD section) : 12 to 32V/-20 to +85°C • CMOS process • 100-pin flat plastic package (QIP100E) Ordering number : ENA2124 CMOS LSI Dot-Matrix LCD Drivers |
유사한 부품 번호 - LC79431KNE |
|
유사한 설명 - LC79431KNE |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |