전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STAC5-IP-N120 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 STAC5-IP-N120
상세설명  AC EtherNet/IP Advanced Microstep Drive
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

STAC5-IP-N120 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  STAC5-IP-N120 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC5-IP-N120 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC5-IP-N120 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC5-IP-N120 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC5-IP-N120 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC5-IP-N120 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC5-IP-N120 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC5-IP-N120 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Model Number:
STAC5-IP-N120
Part Number:
5000-196
Supply Voltage:
94-135 VAC
Supply Voltage Type:
AC
Control Modes:
Streaming Commands
Analog Positioning
Encoder Following
Q Programming
EtherNet/IP
Output Current:
0.5-5.0 A/phase
Communication Ports:
Ethernet
EtherNet/IP
Encoder Feedback:
No
Step Resolution:
Full
Half
Microstepping
Microstep Emulation
Idle Current
Reduction:
0-90%
Setup Method:
Software setup
Digital Inputs:
12
Digital Outputs:
6
Analog Inputs:
1
Dimensions:
5.5 x 4.5 x 2.0 inches
Weight:
22.4 oz
Operating Temperature
Range:
0-70 °C
Ambient Temperature
Range:
0-40 °C
Ambient Humidity:
90% max, non-condensing
Status LEDs:
1 red, 1 green
Circuit Protection:
Short circuit
Over-voltage
Under-voltage
Over-temp
Specifications


유사한 부품 번호 - STAC5-IP-N120

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STAC5-IP-N220 ETC2-STAC5-IP-N220 Datasheet
581Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive
More results

유사한 설명 - STAC5-IP-N120

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STAC5-IP-N220 ETC2-STAC5-IP-N220 Datasheet
581Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive
ST10-IP-EN ETC2-ST10-IP-EN Datasheet
936Kb / 10P
   DC EtherNet/IP Advanced Microstep Drive
ST5-IP-EN ETC2-ST5-IP-EN Datasheet
608Kb / 9P
   DC EtherNet/IP Advanced Microstep Drive
STAC5-IP-E120 ETC2-STAC5-IP-E120 Datasheet
580Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
STAC5-IP-E220 ETC2-STAC5-IP-E220 Datasheet
581Kb / 8P
   AC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
ST10-IP-EE ETC2-ST10-IP-EE Datasheet
943Kb / 10P
   DC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
ST5-IP-EE ETC2-ST5-IP-EE Datasheet
615Kb / 9P
   DC EtherNet/IP Advanced Microstep Drive w/ Encoder Input
STAC5-S-N220 ETC2-STAC5-S-N220 Datasheet
848Kb / 7P
   AC Advanced Microstep Drive
STAC5-S-N120 ETC2-STAC5-S-N120 Datasheet
846Kb / 7P
   AC Advanced Microstep Drive
STAC5-S-E120 ETC2-STAC5-S-E120 Datasheet
844Kb / 7P
   AC Advanced Microstep Drive w/ Encoder Input
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com