전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA1225MC 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LA1225MC
상세설명  FM IF Detector IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA1225MC 데이터시트(HTML) 2 Page - ON Semiconductor

  LA1225MC Datasheet HTML 1Page - ON Semiconductor LA1225MC Datasheet HTML 2Page - ON Semiconductor LA1225MC Datasheet HTML 3Page - ON Semiconductor LA1225MC Datasheet HTML 4Page - ON Semiconductor LA1225MC Datasheet HTML 5Page - ON Semiconductor LA1225MC Datasheet HTML 6Page - ON Semiconductor LA1225MC Datasheet HTML 7Page - ON Semiconductor LA1225MC Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LA1225MC
No.A2052-2/8
Operating Characteristics at Ta
= 25°C, VCC = 3.0V, fC = 10.7MHz
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
ICCO
No input
3.0
4.0
5.0
mA
Demodulator output
VO
100dB
μV, 100% mod., fm = 1kHz
70
150
220
mV
Total harmonic distortion
THD
100dB
μV, 100% mod., fm = 1kHz
0.5
0.8
%
Signal-to-noise ratio
S/N
100dB
μV, 100% mod., fm = 1kHz
65
73
dB
3dB sensitivity
-3dBL.S
100dB
μV, 100% mod.,
fm = 1kHz output reference, when the input is -3dB
19
28
37
dB
μV
SD sensitivity
SDON
0% mod.
35
50
65
dB
μV
IF counter buffer output
VIFBuff
100dB
μV
90
130
170
mV
Package Dimensions
Unit : mm
3426
SANYO : SOIC10
5.0
6
10
5
1
0.15
0.35
1.0


유사한 부품 번호 - LA1225MC

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1225MC SANYO-LA1225MC Datasheet
638Kb / 8P
   Monolithic Linear IC FM IF Detector IC
More results

유사한 설명 - LA1225MC

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA1225M SANYO-LA1225M_06 Datasheet
472Kb / 8P
   FM IF Detector IC
LA1225M SANYO-LA1225M Datasheet
55Kb / 8P
   FM IF Detector IC
LA1225MC SANYO-LA1225MC Datasheet
638Kb / 8P
   Monolithic Linear IC FM IF Detector IC
logo
Holtek Semiconductor In...
HT9011 HOLTEK-HT9011 Datasheet
98Kb / 7P
   FM IF Detector
logo
Toshiba Semiconductor
TA31136F TOSHIBA-TA31136F Datasheet
712Kb / 16P
   FM IF DETECTOR IC FOR CORDLESS TELEPHONE
logo
Panasonic Semiconductor
AN5215 PANASONIC-AN5215 Datasheet
155Kb / 2P
   TV Sound-IF Amplifier, FM Detector IC
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
   AM/FM IF DETECTOR
TK14551V TOKO-TK14551V Datasheet
334Kb / 32P
   FM IF DETECTOR/AMPLIFIER
TK14584 TOKO-TK14584 Datasheet
196Kb / 20P
   FM IF IC
TK14588 TOKO-TK14588 Datasheet
233Kb / 20P
   FM IF IC
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com