전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5010CL4S 데이터시트(PDF) 4 Page - Nippon Precision Circuits Inc

부품명 SM5010CL4S
상세설명  Crystal Oscillator Module ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010CL4S 데이터시트(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5010CL4S Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SM5010 series
NIPPON PRECISION CIRCUITS—4
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
Recommended Operating Conditions
3V operation
VSS = 0 V
5V operation
VSS = 0 V
P arameter
S y m b o l
Condition
Rating
Unit
Supply voltage range
V DD
−0.5 to 7.0
V
Input voltage range
V IN
−0.5 to V DD + 0.5
V
Output voltage range
V OUT
−0.5 to V DD + 0.5
V
O p e rating temperature range
Topr
−40 to 85
°C
Storage temperature range
T stg
Chip form
−65 to 150
°C
8-pin SOP
−55 to 125
Output current
IOUT
5010
×H ×
10
mA
5010
×N ×, ×K ×, CL×
25
P ow er dissipation
P D
8-pin SOP
5 0 0
m W
Soldering temperature
T sld
8-pin SOP
2 5 5
°C
Soldering time
tsld
8-pin SOP
1 0
s
P arameter
Symbol
Series
Condition
Rating
Unit
min
typ
m a x
Supply voltage
V DD
×N ×
2
≤ f ≤ 30 MHz, CL ≤ 15 pF
2.7
3.6
V
×H ×
2
≤ f ≤ 16 MHz, CL ≤ 15 pF
2.7
3.6
CL
×
2
≤ f ≤ 30 MHz, CL ≤ 15 pF
2.7
3.6
Input voltage
V IN
×N ×
2
≤ f ≤ 30 MHz, CL ≤ 15 pF
V SS
–V DD
V
×H ×
2
≤ f ≤ 16 MHz, CL ≤ 15 pF
V SS
–V DD
CL
×
2
≤ f ≤ 30 MHz, CL ≤ 15 pF
V SS
–V DD
O p e rating temperature
TOPR
×N ×
2
≤ f ≤ 30 MHz, CL ≤ 15 pF
− 10
+ 70
°C
×H ×
2
≤ f ≤ 16 MHz, CL ≤ 15 pF
− 10
+ 70
CL
×
2
≤ f ≤ 30 MHz, CL ≤ 15 pF
− 20
+ 80
P arameter
Symbol
Series
Condition
Rating
Unit
min
typ
m a x
Supply voltage
V DD
×N ×
2
≤ f ≤ 30 MHz, CL ≤ 50 pF
4.5
5.5
V
×K ×
2
≤ f ≤ 30 MHz, CL ≤ 15 pF
4.5
5.5
×H ×
2
≤ f ≤ 30 MHz, CL ≤ 15 pF
4.5
5.5
CL
×
2
≤ f ≤ 30 MHz, CL ≤ 50 pF
4.5
5.5
Input voltage
V IN
×N ×
2
≤ f ≤ 30 MHz, CL ≤ 50 pF
V SS
–V DD
V
×K ×
2
≤ f ≤ 30 MHz, CL ≤ 15 pF
V SS
–V DD
×H ×
2
≤ f ≤ 30 MHz, CL ≤ 15 pF
V SS
–V DD
CL
×
2
≤ f ≤ 30 MHz, CL ≤ 50 pF
V SS
–V DD
O p e rating temperature
TOPR
×N ×
2
≤ f ≤ 30 MHz, CL ≤ 50 pF
− 40
+ 85
°C
×K ×
2
≤ f ≤ 30 MHz, CL ≤ 15 pF
− 40
+ 85
×H ×
2
≤ f ≤ 30 MHz, CL ≤ 15 pF
− 40
+ 85
CL
×
2
≤ f ≤ 30 MHz, CL ≤ 50 pF
− 40
+ 85


유사한 부품 번호 - SM5010CL4S

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5010CL4S NPC-SM5010CL4S Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
More results

유사한 설명 - SM5010CL4S

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com