전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5010CL4S 데이터시트(PDF) 9 Page - Nippon Precision Circuits Inc

부품명 SM5010CL4S
상세설명  Crystal Oscillator Module ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010CL4S 데이터시트(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5010CL4S Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5010CL4S Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SM5010 series
NIPPON PRECISION CIRCUITS—9
5010
×H× series
3 V operation: VDD = 2.7 to 3.6 V, VSS = 0 V, Ta = −10 to 70 °C unless otherwise noted.
5 V operation: VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C unless otherwise noted.
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Output rise time
tr1
Measurement cct 6, load cct 2, CL = 15 pF, 0.1VDD to 0.9VDD
–1 5
3 0
ns
Output fall time
tf1
Measurement cct 6, load cct 2, CL = 15 pF, 0.9VDD to 0.1VDD
–1 5
3 0
ns
Output duty cycle1
1. Deter mined by the lot monitor.
Duty
Measurement cct 6, load cct 2, V DD = 3.0 V, Ta = 25 °C,
C L = 15 pF, f = 16MHz
4 0–6 0
%
Output disable delay time
tPLZ
Measurement cct 7, load cct 2, V DD = 3.0 V, Ta = 25 °C,
C L = 15 pF
100
ns
Output enable delay time
tPZL
100
ns
P arameter
S y m b o l
Condition
Rating
Unit
min
typ
m a x
Output rise time
tr2
Measurement cct 6, load cct 2,
0.1VDD to 0.9VDD
C L = 15 pF
5
1 0
ns
tr3
C L = 50 pF
1 3
2 6
Output fall time
tf2
Measurement cct 6, load cct 2,
0.9VDD to 0.1VDD
C L = 15 pF
5
1 0
ns
tf3
C L = 50 pF
1 3
2 6
Output duty cycle1
1. Deter mined by the lot monitor.
Duty
Measurement cct 6, load cct 2, V DD = 5.0 V, Ta = 25 °C,
C L = 15 pF, f = 30MHz
4 5–5 5
%
Output disable delay time
tPLZ
Measurement cct 7, load cct 2, V DD = 5.0 V, Ta = 25 °C,
C L = 15 pF
100
ns
Output enable delay time
tPZL
100
ns


유사한 부품 번호 - SM5010CL4S

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5010CL4S NPC-SM5010CL4S Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
More results

유사한 설명 - SM5010CL4S

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com