전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS22 데이터시트(PDF) 4 Page - GOOD-ARK Electronics

부품명 LS22
상세설명  Surface Mount Schottky Rectifier Reverse Voltage 20~100V Forward Current 2A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS22 데이터시트(HTML) 4 Page - GOOD-ARK Electronics

  LS22_15 Datasheet HTML 1Page - GOOD-ARK Electronics LS22_15 Datasheet HTML 2Page - GOOD-ARK Electronics LS22_15 Datasheet HTML 3Page - GOOD-ARK Electronics LS22_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LS22 thru LS2B
Surface Mount Schottky Rectifier
Reverse Voltage 20~100V Forward Current 2A
www.goodark.com
4/4
2014.03-Rev.A
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the Suzhou
Good-Ark product best suited to the customer’s application; they do not convey any license under
any intellectual property rights or any other rights belonging to Suzhou Good Ark Electronics Co
any intellectual propertyrights, or any other rights, belonging to Suzhou Good-Ark Electronics Co.,
Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or infringement
of any third-party ’s rights, originating in the use of any product data, diagrams, charts, programs,
algorithms, or circuit application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts, programs
and algorithms represents information on products at the time of publication of these materials, and
are subject to change by Suzhou Good-Ark Electronics Co., Ltd. without notice due to product
improvements or other reasons. It is therefore recommended that customers contact Suzhou Good-
Ark Electronics Co., Ltd. or an authorized Suzhou Good-Ark Electronics Co., Ltd. for the latest
product information before purchasing a product listed herein. The information described here may
contain technical inacc racies or t pographical errors Sho
Good Ark Electronics Co
Ltd
contain technical inaccuracies or typographical errors. Suzhou Good-Ark Electronics Co., Ltd.
assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or
errors. Please also pay attention to information published by Suzhou Good-Ark Electronics Co.,
Ltd. by various means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data,
When using any or all of the information contained in these materials, including product data,
diagrams, charts, programs, and algorithms, Please be sure to evaluate all information as a total
system before making a final decision on the applicability of the information and products. Suzhou
Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability or other loss
resulting from the information contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or
d
i
h l
i
t th
t i l
reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further details
on these materials or the products contained herein.
www.goodark.com
4/4
2014.03-Rev.A


유사한 부품 번호 - LS22_15

제조업체부품명데이터시트상세설명
logo
Jinan Jing Heng Electro...
LS220 JINGHENG-LS220 Datasheet
74Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
LS220 SAMYANG-LS220 Datasheet
931Kb / 2P
   SCHOTTKY BARRIE R RECTIFIER
logo
Frontier Electronics.
LS22A FRONTIER-LS22A Datasheet
174Kb / 2P
   2A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
logo
CITIZEN ELECTRONICS CO....
LS22AA-1FG CITIZEN-LS22AA-1FG Datasheet
482Kb / 2P
   Illuminated Type
LS22AA-1FGT CITIZEN-LS22AA-1FGT Datasheet
482Kb / 2P
   Illuminated Type
More results

유사한 설명 - LS22_15

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
FS2BH GOOD-ARK-FS2BH_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LS2B GOOD-ARK-LS2B_15 Datasheet
188Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
FS2B GOOD-ARK-FS2B_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
FS22 GOOD-ARK-FS22_15 Datasheet
201Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 2A
SGPD220S GOOD-ARK-SGPD220S_15 Datasheet
261Kb / 5P
   Surface Mount Schottky Rectifier Reverse Voltage 20~100V Forward Current 0.2A
LSL12 GOOD-ARK-LSL12 Datasheet
222Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~100V Forward Current 1A
SGP0260SD GOOD-ARK-SGP0260SD_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
FSL26 GOOD-ARK-FSL26_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
LS26 GOOD-ARK-LS26_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
LS24A GOOD-ARK-LS24A_15 Datasheet
264Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com