전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS24A 데이터시트(PDF) 4 Page - GOOD-ARK Electronics

부품명 LS24A
상세설명  Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS24A 데이터시트(HTML) 4 Page - GOOD-ARK Electronics

  LS24A_15 Datasheet HTML 1Page - GOOD-ARK Electronics LS24A_15 Datasheet HTML 2Page - GOOD-ARK Electronics LS24A_15 Datasheet HTML 3Page - GOOD-ARK Electronics LS24A_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LS24A
Surface Mount Schottky Rectifier
Reverse Voltage 40V Forward Current 2A
www.goodark.com
4/4
2015.02-Rev.A
Disclaimers
These materials are intended as a reference to assist our customers in the selection of
the Suzhou Good-Ark product best suited to the customer ’ s application; they do not
convey any license under any intellectual property rights, or any other rights, belonging to
Suzhou Good-Ark Electronics Co., Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or
infringement of any third-party ’ s rights, originating in the use of any product data,
diagrams, charts, programs, algorithms, or circuit application examples contained in
these materials.
All information contained in these materials, including product data, diagrams, charts,
programs and algorithms represents information on products at the time of publication of
these materials, and are subject to change by Suzhou Good-Ark Electronics Co., Ltd.
without notice due to product improvements or other reasons. It is therefore
recommended that customers contact Suzhou Good-Ark Electronics Co., Ltd. or an
authorized Suzhou Good-Ark Electronics Co., Ltd. for the latest product information
before purchasing a product listed herein. The information described here may contain
technical inaccuracies or typographical errors. Suzhou Good-Ark Electronics Co., Ltd.
assumes no responsibility for any damage, liability, or other loss rising from these
inaccuracies or errors. Please also pay attention to information published by Suzhou
Good-Ark Electronics Co., Ltd. by various means, including our website home
page.(http://www.goodark.com)
When using any or all of the information contained in these materials, including product
data, diagrams, charts, programs, and algorithms, Please be sure to evaluate all
information as a total system before making a final decision on the applicability of the
information and products. Suzhou Good-Ark Electronics Co., Ltd. assumes no
responsibility for any damage, liability or other loss resulting from the information
contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to
reprint or reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for
further details on these materials or the products contained herein.


유사한 부품 번호 - LS24A_15

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
LS24A FRONTIER-LS24A Datasheet
174Kb / 2P
   2A SURFACE MOUNT LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIERS
logo
GOOD-ARK Electronics
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
More results

유사한 설명 - LS24A_15

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
FS24A GOOD-ARK-FS24A_15 Datasheet
200Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FSL24 GOOD-ARK-FSL24_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FS22 GOOD-ARK-FS22_15 Datasheet
201Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 20~40V Forward Current 2A
SGP0230SD GOOD-ARK-SGP0230SD_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 30~40V Forward Current 2A
FS14NS GOOD-ARK-FS14NS_15 Datasheet
212Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
FSL34T GOOD-ARK-FSL34T_15 Datasheet
267Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
FSL14 GOOD-ARK-FSL14_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 1A
LSL34A GOOD-ARK-LSL34A Datasheet
191Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 3A
FS2BH GOOD-ARK-FS2BH_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LS2B GOOD-ARK-LS2B_15 Datasheet
188Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com