전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS26 데이터시트(PDF) 3 Page - GOOD-ARK Electronics

부품명 LS26
상세설명  Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS26 데이터시트(HTML) 3 Page - GOOD-ARK Electronics

  LS26_15 Datasheet HTML 1Page - GOOD-ARK Electronics LS26_15 Datasheet HTML 2Page - GOOD-ARK Electronics LS26_15 Datasheet HTML 3Page - GOOD-ARK Electronics LS26_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LS26
Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 2A
www.goodark.com
3/4
2014.03-Rev.A
Package Outline Dimensions
in inches (millimeters)
DIM
MIN
MAX
MIN
MAX
A
0.92
1.08 0.036 0.043
A1
0
0.1
0.000 0.004
B
1.25
1.45 0.049 0.057
C
0.1
0.25 0.004 0.010
D
2.6
2.8
0.102 0.110
Unit: mm
Unit: inch
Soldering  footprint
E
4.1
4.3
0.161 0.169
L
0.7
1.1
0.028 0.043
HE
4.8
5.2
0.189 0.205
Packing Information
Packing quantities:
10,000 pcs/Reel,12mm Tape, 13" Reel
Tape & Reel Specification
www.goodark.com
3/4
2014.03-Rev.A


유사한 부품 번호 - LS26_15

제조업체부품명데이터시트상세설명
logo
saftbatteries
LS26500 SAFT-LS26500 Datasheet
467Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy density C-size bobbin cell
logo
Power-One
LS2660-7R POWER-ONE-LS2660-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
More results

유사한 설명 - LS26_15

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SGP0260SD GOOD-ARK-SGP0260SD_15 Datasheet
202Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
FSL26 GOOD-ARK-FSL26_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
FS2BH GOOD-ARK-FS2BH_15 Datasheet
206Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LS2B GOOD-ARK-LS2B_15 Datasheet
188Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
FS2B GOOD-ARK-FS2B_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 2A
LS24A GOOD-ARK-LS24A_15 Datasheet
264Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FS24A GOOD-ARK-FS24A_15 Datasheet
200Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FSL24 GOOD-ARK-FSL24_15 Datasheet
203Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 40V Forward Current 2A
FSL23S GOOD-ARK-FSL23S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 30V Forward Current 2A
SGC1560S GOOD-ARK-SGC1560S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 15A
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com