전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVC16374 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 74ALVC16374
상세설명  Low?뭋oltage 1.8 Transparent Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVC16374 데이터시트(HTML) 2 Page - ON Semiconductor

  74ALVC16374 Datasheet HTML 1Page - ON Semiconductor 74ALVC16374 Datasheet HTML 2Page - ON Semiconductor 74ALVC16374 Datasheet HTML 3Page - ON Semiconductor 74ALVC16374 Datasheet HTML 4Page - ON Semiconductor 74ALVC16374 Datasheet HTML 5Page - ON Semiconductor 74ALVC16374 Datasheet HTML 6Page - ON Semiconductor 74ALVC16374 Datasheet HTML 7Page - ON Semiconductor 74ALVC16374 Datasheet HTML 8Page - ON Semiconductor 74ALVC16374 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74ALVC16374
http://onsemi.com
2
Figure 1. 48−Lead Pinout
(Top View)
Figure 2. Logic Diagram
48
1
CP1
OE1
47
2
D0
O0
46
3
D1
O1
45
4
GND
GND
44
5
D2
O2
43
6
D3
O3
42
7
VCC
VCC
41
8
D4
O4
40
9
D5
O5
39
10
GND
GND
38
11
D6
O6
37
12
D7
O7
36
13
D8
O8
35
14
D9
O9
34
15
GND
GND
33
16
D10
O10
32
17
D11
O11
31
18
VCC
VCC
30
19
D12
O12
29
20
D13
O13
28
21
GND
GND
27
22
D14
O14
26
23
D15
O15
25
24
CP2
OE2
O0
D0
O1
D1
O2
D2
O3
D3
O4
D4
O5
D5
O6
D6
O7
D7
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
CP1
OE1
O8
D8
O9
D9
O10
D10
O11
D11
O12
D12
O13
D13
O14
D14
O15
D15
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
CP2
OE2
1
48
24
25
2
47
3
46
5
44
6
43
8
41
9
40
11
38
12
37
13
36
14
35
16
33
17
32
19
30
20
29
22
27
23
26
1
48
25
24
D0
47
D1
46
D2
44
D3
43
O0
2
EN1
OE1
CP1
CP2
OE2
O1
3
O2
5
O3
6
EN2
EN3
EN4
D4
41
D5
40
D6
38
D7
37
O4
8
O5
9
O6
11
O7
12
D8
36
D9
35
D10
33
D11
32
O8
13
O9
14
O10
16
O11
17
D12
30
D13
29
D14
27
D15
26
O12
19
O13
20
O14
22
O15
23
1 ∇
2 ∇
3 ∇
4 ∇
1
1
1
1
Figure 3. IEC Logic Diagram
Inputs
Outputs
Inputs
Outputs
CP1
OE1
D0:7
O0:7
CP2
OE2
D8:15
O8:15
L
H
H
L
H
H
L
L
L
L
L
L
X
L
X
O0
X
L
X
O0
X
H
X
Z
X
H
X
Z
H = High Voltage Level; L = Low Voltage Level; Z = High Impedance State; ↑ = Low−to−High Transition; X = High or Low Voltage Level and
Transitions Are Acceptable, for ICC reasons, DO NOT FLOAT Inputs. O0 = No Change.


유사한 부품 번호 - 74ALVC16374

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ALVC16374 FAIRCHILD-74ALVC16374 Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
74ALVC16374GX FAIRCHILD-74ALVC16374GX Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
74ALVC16374MTD FAIRCHILD-74ALVC16374MTD Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
More results

유사한 설명 - 74ALVC16374

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74ALVC16373 ONSEMI-74ALVC16373 Datasheet
280Kb / 11P
   Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373 Datasheet
102Kb / 10P
   Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
November, 2004 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
74LVT573 ONSEMI-74LVT573 Datasheet
342Kb / 13P
   Low Voltage Octal Transparent Latch
January 2008 Rev. 1.7.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com