전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSFM3008 데이터시트(PDF) 4 Page - GOOD-ARK Electronics

부품명 SSFM3008
상세설명  30V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSFM3008 데이터시트(HTML) 4 Page - GOOD-ARK Electronics

  SSFM3008 Datasheet HTML 1Page - GOOD-ARK Electronics SSFM3008 Datasheet HTML 2Page - GOOD-ARK Electronics SSFM3008 Datasheet HTML 3Page - GOOD-ARK Electronics SSFM3008 Datasheet HTML 4Page - GOOD-ARK Electronics SSFM3008 Datasheet HTML 5Page - GOOD-ARK Electronics SSFM3008 Datasheet HTML 6Page - GOOD-ARK Electronics SSFM3008 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SSFM3008
30V N-Channel MOSFET
8
www.goodark.com
Page 4 of 7
Rev.1.0
Typical Electrical Characteristics
Figure 1: Typical Output Characteristics
Figure 2: Typical Transfer Characteristics
Figure 3: On-Resistance vs. Gate-Source
Voltage
Figure 4: Body-Diode Characteristics
Figure 5: Gate-Charge Characteristics
Figure 6: Capacitance Characteristics
0
20
40
60
80
100
0
1
2
3
4
5
VDS,drain to source voltage(V)
10V
7V
6V
3.5V
4V
4.5V
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VGS,gate to source voltage(V)
125℃
25℃
VDS=5V
0
5
10
15
20
25
30
2
3
4
5
6
7
8
9
10
VGS,gate to source voltage(V)
125℃
25℃
ID=30A
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1
VSD,source to drain voltage(V)
125℃
25℃
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
QG,gate charge(nC)
VDS=15V
ID=20A
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
QG,gate charge(nC)
VDS=15V
ID=20A
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
QG,gate charge(nC)
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
QG,gate charge(nC)
VDS=15V
ID=20A
0
500
1000
1500
2000
2500
3000
0
5
10
15
20
25
VDS, drain to source voltage(V)
Ciss
Coss
Crss
VGS=0,F=1MHZ
Ciss=Cgd+Cgs, Cds shorted
Coss=Cds+Cgd
Crss=Cgd


유사한 부품 번호 - SSFM3008

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSFM3008 SILIKRON-SSFM3008 Datasheet
548Kb / 8P
   Advanced trench MOSFET process technology
SSFM3008H1 SILIKRON-SSFM3008H1 Datasheet
536Kb / 8P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSFM3008H1 GOOD-ARK-SSFM3008H1 Datasheet
523Kb / 7P
   30V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSFM3008L SILIKRON-SSFM3008L Datasheet
545Kb / 8P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSFM3008L GOOD-ARK-SSFM3008L Datasheet
688Kb / 7P
   30V N-Channel MOSFET
More results

유사한 설명 - SSFM3008

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com