전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSFD3006 데이터시트(PDF) 7 Page - GOOD-ARK Electronics

부품명 SSFD3006
상세설명  30V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSFD3006 데이터시트(HTML) 7 Page - GOOD-ARK Electronics

  SSFD3006 Datasheet HTML 1Page - GOOD-ARK Electronics SSFD3006 Datasheet HTML 2Page - GOOD-ARK Electronics SSFD3006 Datasheet HTML 3Page - GOOD-ARK Electronics SSFD3006 Datasheet HTML 4Page - GOOD-ARK Electronics SSFD3006 Datasheet HTML 5Page - GOOD-ARK Electronics SSFD3006 Datasheet HTML 6Page - GOOD-ARK Electronics SSFD3006 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SSFD3006
30V N-Channel MOSFET
www.goodark.com
Page 7 of 7
Rev.1.0
Ordering and Marking Information
Device Marking: SSFD3006
Package (Available)
TO-252
Operating Temperature Range
C : -55 to 175 ºC
Devices per Unit
Option1:
Packag
e Type
Units/
Tube
Tubes/Inner
Box
Units/Inner
Box
Inner
Boxes/Carton
Box
Units/Carton
Box
TO-252
80
50
4000
10
40000
Option2:
Packag
e Type
Units/
Tape
Tapes/Inner
Box
Units/Inner
Box
Inner
Boxes/Carton
Box
Units/Carton
Box
TO-252
2500
2
5000
7
35000
Option3:
Packag
e Type
Units/
Tape
Tapes/Inner
Box
Units/Inner
Box
Inner
Boxes/Carton
Box
Units/Carton
Box
TO-252
2500
1
2500
10
25000


유사한 부품 번호 - SSFD3006

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSFD3006 SILIKRON-SSFD3006 Datasheet
674Kb / 8P
   Advanced trench MOSFET process technology
More results

유사한 설명 - SSFD3006

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com