전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA74309FA 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 LA74309FA
상세설명  Microphone Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA74309FA 데이터시트(HTML) 3 Page - ON Semiconductor

  LA74309FA Datasheet HTML 1Page - ON Semiconductor LA74309FA Datasheet HTML 2Page - ON Semiconductor LA74309FA Datasheet HTML 3Page - ON Semiconductor LA74309FA Datasheet HTML 4Page - ON Semiconductor LA74309FA Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LA74309FA
No.A2050-3/5
Pin assinment
Pin Description
Pin No.
Pin Description
1
GND
2
ALC input
3
STANDBY CTL
4
MIC output
5
MIC input
6
Ripple removal for VREF
7
Internal MIC power supply
8
ALC DET
9
REC output
10
VCC
Equivalent Circuit Block Diagram & Application Circuit
GND
1
2
3
4
5
10
9
8
7
6
ALC IN
STANDBY L
MIC OUT
MIC IN
VCC
REC OUT
ALC DET
INT MIC VCC
VREF
LA74309FA
2
7
8
ALC
MIC VCC
VCCA
3.0V
VCC3.3V
DET
CHARGE
6
LPF
REG
3
4
5
1
9
10
VREF
MIC
MIC IN
STANDBY
CTL
GND
REC OUT
-
+


유사한 부품 번호 - LA74309FA

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA74309FA SANYO-LA74309FA Datasheet
120Kb / 5P
   Microphone Amplifier for Digital Still Camera
logo
ON Semiconductor
LA74309FA-BH ONSEMI-LA74309FA-BH Datasheet
93Kb / 5P
   Microphone Amplifier for Digital Still Camera
May, 2013
More results

유사한 설명 - LA74309FA

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LS188 STMICROELECTRONICS-LS188 Datasheet
101Kb / 3P
   MICROPHONE AMPLIFIER
logo
Rohm
BA7760 ROHM-BA7760 Datasheet
67Kb / 6P
   Microphone Amplifier
logo
California Micro Device...
CMAMP110 CALMIRCO-CMAMP110 Datasheet
91Kb / 7P
   Microphone Amplifier
logo
Texas Instruments
PCM1870 TI1-PCM1870_16 Datasheet
1Mb / 54P
[Old version datasheet]   Microphone Bias and Microphone Amplifier
logo
New Japan Radio
NJM2118 NJRC-NJM2118 Datasheet
122Kb / 4P
   MONAURAL MICROPHONE AMPLIFIER
NJU7907A NJRC-NJU7907A Datasheet
148Kb / 10P
   Monaural Microphone Amplifier
NJM2781 NJRC-NJM2781 Datasheet
183Kb / 11P
   Monaural Microphone Amplifier
logo
List of Unclassifed Man...
BH7870AKV ETC-BH7870AKV Datasheet
96Kb / 2P
   STEREO ZOOM MICROPHONE AMPLIFIER
logo
Maxim Integrated Produc...
MAX9814 MAXIM-MAX9814_09 Datasheet
309Kb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
MAX9814 MAXIM-MAX9814 Datasheet
337Kb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 0; 3/07
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com