전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC823450XATBG 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 LC823450XATBG
상세설명  Low Power & High-Resolution Audio Processing System LSI
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC823450XATBG 데이터시트(HTML) 5 Page - ON Semiconductor

  LC823450XATBG Datasheet HTML 1Page - ON Semiconductor LC823450XATBG Datasheet HTML 2Page - ON Semiconductor LC823450XATBG Datasheet HTML 3Page - ON Semiconductor LC823450XATBG Datasheet HTML 4Page - ON Semiconductor LC823450XATBG Datasheet HTML 5Page - ON Semiconductor LC823450XATBG Datasheet HTML 6Page - ON Semiconductor LC823450XATBG Datasheet HTML 7Page - ON Semiconductor LC823450XATBG Datasheet HTML 8Page - ON Semiconductor LC823450XATBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
LC823450
www.onsemi.com
5
1-3
Package Code and Functional Difference
The product of Package Code=”RA” is under planning
Table of Functinal Difference
Function
Package Code
TA
XA, XC
XB, XD
RA
Package
TQFP128L
WLP154
XBGA240
Cortex-M3
Dual Core
Single
Single
Dual
Dual
SDRAM Controller
Available
External Memory
Controller
8bit I/F
(LCD I/F, etc.)
8bit I/F
(LCD I/F, etc.)
Available
SD2
Available
Available
Available
10bit ADC
conversion speed
MAX 5MHz
(*2)
MAX 20MHz
(*4)
10bit ADC
reference voltage
VRH=AVddADC
VRL=AVssADC
(*3)
VRH=AVddADC
and lower
VRL=AVssADC
and higher
PCM1(PCM I/F ch1)
BCK1/LRCK1
share pins with
other function
Available
Available
Available
MP3 hard wired encoder
Available
Available
Available
16bit Audio DAC,
Class-D AMP
Available
Available
Available
PLL2(1V PLL)
PLL3(3V PLL)
Only PLL2
Available
Available
Only PLL2
XTALINFO[1:0] input
“00”
(24 MHz)
Available
Available
Available
RTCMODE input
“1”
(General RTC mode)
Available
Available
Available
KEYINT[2:0] input
Available
Available
Available
External Interrupt
45 ch
61 ch
61 ch
90 ch
GPIO
45 ch
61 ch
61 ch
90 ch
[Note]
 Pin shared for multiple function. Refer to Terminal Functions for details.
 (*1) Intentionally not used
 (*2) VR is open inside
 (*3) VRH=AVddADC, VRL=AVssADC inside
 (*4) Decoupling capacitor is required.
MAX 5MHz in case of open


유사한 부품 번호 - LC823450XATBG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC823450XATBG ONSEMI-LC823450XATBG Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
More results

유사한 설명 - LC823450XATBG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC823450 ONSEMI-LC823450_17 Datasheet
887Kb / 112P
   Low Power & High-Resolution Audio Processing System LSI
October, 2017 ??Rev. 7
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
   Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
   Audio Processing System LSI
May 2015 - Rev. 1
LC823455 ONSEMI-LC823455 Datasheet
1Mb / 109P
   Low Power & High-Resolution Audio Processing System SoC for Portable Sound Solution
March, 2021 ??Rev. 2
logo
List of Unclassifed Man...
XHRA-2HPA-TQ64-C ETC2-XHRA-2HPA-TQ64-C Datasheet
370Kb / 2P
   AFFORDABLE HI-RESOLUTION AUDIO PROCESSING
logo
ON Semiconductor
BELASIGNA250 ONSEMI-BELASIGNA250 Datasheet
501Kb / 30P
   High-Performance Programmable Audio Processing System
January, 2015 ??Rev. 10
B250W48A106XXG ONSEMI-B250W48A106XXG Datasheet
559Kb / 30P
   High-Performance Programmable Audio Processing System
July, 2012 ??Rev. 9
logo
Sanyo Semicon Device
LC72720N SANYO-LC72720N Datasheet
214Kb / 14P
   Single-Chip RDS Signal-Processing System LSI
72722PM SANYO-72722PM_11 Datasheet
283Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
LC72722 SANYO-LC72722 Datasheet
114Kb / 15P
   Single-Chip RDS Signal-Processing System LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com