전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA3101-TL-E 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 SMA3101-TL-E
상세설명  MMIC Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMA3101-TL-E 데이터시트(HTML) 5 Page - ON Semiconductor

  SMA3101-TL-E Datasheet HTML 1Page - ON Semiconductor SMA3101-TL-E Datasheet HTML 2Page - ON Semiconductor SMA3101-TL-E Datasheet HTML 3Page - ON Semiconductor SMA3101-TL-E Datasheet HTML 4Page - ON Semiconductor SMA3101-TL-E Datasheet HTML 5Page - ON Semiconductor SMA3101-TL-E Datasheet HTML 6Page - ON Semiconductor SMA3101-TL-E Datasheet HTML 7Page - ON Semiconductor SMA3101-TL-E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMA3101
No. A1431-5/8
S Parameter
S11
S22
50
25
10
--10
0
10
--25
--50
--100
--250
100
250
IT14494
IT14495
25
50
50
25
10
--10
0
10
--25
--50
--100
--250
100
250
25
50
3GHz
2GHz
1GHz
3GHz
2GHz
1GHz
250
100
100
250


유사한 부품 번호 - SMA3101-TL-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SMA3101 SANYO-SMA3101 Datasheet
345Kb / 5P
   Silicon MMIC Wideband Amplifi er
SMA3101 SANYO-SMA3101 Datasheet
101Kb / 5P
   Wideband Amplifier
SMA3101 SANYO-SMA3101 Datasheet
540Kb / 8P
   Wideband Amplifier
SMA3101_0909 SANYO-SMA3101_0909 Datasheet
101Kb / 5P
   Wideband Amplifier
SMA3101 SANYO-SMA3101_12 Datasheet
540Kb / 8P
   Wideband Amplifier
More results

유사한 설명 - SMA3101-TL-E

제조업체부품명데이터시트상세설명
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
   MMIC AMPLIFIER AMPLIFIER
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C_17 Datasheet
965Kb / 13P
   MMIC Amplifier
April 2017
logo
RF Micro Devices
SBW5089Z RFMD-SBW5089Z Datasheet
657Kb / 7P
   MMIC AMPLIFIER
logo
Advanced Semiconductor ...
ASW105 ASB-ASW105_17 Datasheet
858Kb / 7P
   MMIC Amplifier
April 2017
ASW212 ASB-ASW212 Datasheet
1Mb / 11P
   MMIC Amplifier
April 2017
ASW314 ASB-ASW314 Datasheet
1Mb / 23P
   MMIC Amplifier
February 2017
logo
ON Semiconductor
SMA3117 ONSEMI-SMA3117 Datasheet
643Kb / 7P
   MMIC Amplifier
August, 2013
logo
Advanced Semiconductor ...
ASW204 ASB-ASW204_17 Datasheet
1Mb / 16P
   MMIC Amplifier
April 2017
ASW215 ASB-ASW215_17 Datasheet
956Kb / 9P
   MMIC Amplifier
April 2017
ASW205 ASB-ASW205 Datasheet
1Mb / 17P
   MMIC Amplifier
April 20173
AST11L ASB-AST11L_17 Datasheet
496Kb / 8P
   MMIC Amplifier
April 2017
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com