전자부품 데이터시트 검색엔진 |
|
SL1461SA 데이터시트(PDF) 3 Page - Mitel Networks Corporation |
|
SL1461SA 데이터시트(HTML) 3 Page - Mitel Networks Corporation |
3 / 12 page 3 SL1461SA Fig.2 SL1461SA block diagram TEST CONFIGURATION BASE BAND VIDEO 1V p–p VIDEO GENERATOR ROHDE & SCHWARZ SGPF TV SAT TEST TX ROHDE & SCHWARZ SFZ RF CARRIER FREQ 479.5MHz FM MODULATION 13.5MHz P–P PRE–EMPHASISED VIDEO MONTFORD TEST OVEN SL1461 TEST APPLICATION BOARD See Fig. 3 for details PRE EMPHASISED BASE BAND VIDEO VIDEO AMPLIFIER/ DE EMPHASISED NETWORK DE EMPHASISED BASE BAND VIDEO 1V p–p VIDEO ANALYSER ROHDE & SCHWARZ UAF The video drive characteristics measurements were made using the above test configuration. The maximum figures recorded in the Electrical Characteristics Table coincide with high temperatures and extremes of supply voltage. No adjustment to the recorded figures has been made to compensate for the effects of temperature on the external components of the application test board, in particular the varactor diodes. If operation of the device at high ambient temperatures is envisaged then attention to temperature compensation of the external circuitry will result in performance figures closer to the stated typical figures. 7 2.5 V CC+0.3 V CC+0.3 V CC+0.3 V CC+0.3 V CC+0.3 V CC+0.3 V CC+0.3 V CC+0.3 V CC+0.3 V CC+0.3 125 150 111 V Vp-p V V V V V V V V V V °C °C °C/W ABSOLUTE MAXIMUM RATINGS All voltages are referred to VEE at 0V Min. Typ. Max. Supply voltage RF input voltage RF input DC offset Oscillator ± DC offset Video ± DC offset Video feedback ± DC offset Video output DC offset AFC pump DC offset AFC disable DC offset AFC deadband DC offset AGC bias DC offset AGC output DC offset Storage temperature Junction temperature MP16 package thermal resistance, chip to ambient Conditions Characteristics -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -0.3 -55 |
유사한 부품 번호 - SL1461SA |
|
유사한 설명 - SL1461SA |