전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP175 데이터시트(PDF) 5 Page - Texas Instruments

부품명 TMP175
상세설명  TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP175 데이터시트(HTML) 5 Page - Texas Instruments

  TMP175_15 Datasheet HTML 1Page - Texas Instruments TMP175_15 Datasheet HTML 2Page - Texas Instruments TMP175_15 Datasheet HTML 3Page - Texas Instruments TMP175_15 Datasheet HTML 4Page - Texas Instruments TMP175_15 Datasheet HTML 5Page - Texas Instruments TMP175_15 Datasheet HTML 6Page - Texas Instruments TMP175_15 Datasheet HTML 7Page - Texas Instruments TMP175_15 Datasheet HTML 8Page - Texas Instruments TMP175_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TMP175, TMP75
www.ti.com
SBOS288L – JANUARY 2004 – REVISED DECEMBER 2015
6.5 Electrical Characteristics
at TA = −40°C to +125°C and V+ = 2.7 V to 5.5 V (unless otherwise noted)
TMP175
TMP75
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
TEMPERATURE INPUT
Range
–40
125
–40
125
°C
−25°C to +85°C
±0.5
±1.5
±0.5
±2
Accuracy (temperature error)
°C
−40°C to +125°C
±1
±2
±1
±3
Accuracy (temperature error)
0.2
±0.5
0.2
±0.5
°C/V
vs supply
Resolution(1)
Selectable
0.0625
0.0625
°C
DIGITAL INPUT/OUTPUT
Input capacitance
3
3
pF
VIH
High-level input logic
0.7(V+)
6
0.7(V+)
6
V
VIL
Low-level input logic
−0.5
0.3(V+)
−0.5
0.3(V+)
V
IIN
Leakage input current
0 V
≤ VIN ≤ 6 V
1
1
µA
Input voltage hysteresis
SCL and SDA pins
500
500
mV
VOL
Low-level output logic SDA
IOL = 3 mA
0
0.15
0.4
0
0.15
0.4
V
VOL
Low-level output logic ALERT
IOL = 4 mA
0
0.15
0.4
0
0.15
0.4
V
Resolution
Selectable
9 to 12
9 to 12
Bits
9 bits
27.5
37.5
27.5
37.5
10 bits
55
75
55
75
Conversion time
ms
11 bits
110
150
110
150
12 bits
220
300
220
300
Timeout time
25
54
74
25
54
74
POWER SUPPLY
Operating range
2.7
5.5
2.7
5.5
V
Serial bus inactive
50
85
50
85
IQ
Quiescent current
Serial bus active, SCL frequency = 400 kHz
100
100
µA
Serial bus active, SCL frequency = 3.4 MHz
410
410
Serial bus inactive
0.1
3
0.1
3
ISD
Shutdown current
Serial bus active, SCL frequency = 400 kHz
60
60
µA
Serial bus active, SCL frequency = 3.4 MHz
380
380
TEMPERATURE RANGE
Specified range
–40
125
–40
125
°C
Operating range
–55
127
–55
127
°C
(1)
Specified for 12-bit resolution.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP175 TMP75


유사한 부품 번호 - TMP175_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results

유사한 설명 - TMP175_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP175-Q1 TI1-TMP175-Q1 Datasheet
446Kb / 31P
[Old version datasheet]   TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
TMP275 TI1-TMP275_15 Datasheet
1,012Kb / 33P
[Old version datasheet]   TMP275 짹0.5째C Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
Delta Electronics, Inc.
E36SC3R335 DELTA-E36SC3R335 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
V48SR1R225 DELTA-V48SR1R225 Datasheet
528Kb / 14P
   Industry standard footprint and pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com