전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP175 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TMP175
상세설명  TMPx75 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP175 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TMP175_15 Datasheet HTML 2Page - Texas Instruments TMP175_15 Datasheet HTML 3Page - Texas Instruments TMP175_15 Datasheet HTML 4Page - Texas Instruments TMP175_15 Datasheet HTML 5Page - Texas Instruments TMP175_15 Datasheet HTML 6Page - Texas Instruments TMP175_15 Datasheet HTML 7Page - Texas Instruments TMP175_15 Datasheet HTML 8Page - Texas Instruments TMP175_15 Datasheet HTML 9Page - Texas Instruments TMP175_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TMP175, TMP75
SBOS288L – JANUARY 2004 – REVISED DECEMBER 2015
www.ti.com
6.6 Timing Requirements
see the Timing Diagrams and Two-Wire Timing Diagrams sections for additional information
HIGH-SPEED
FAST MODE
MODE
UNIT
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency
V+
0.001
0.4
0.001
2.38
MHz
Bus-free time between STOP and START
t(BUF)
1300
160
ns
conditions
Hold time after repeated START condition.
t(HDSTA)
600
160
ns
After this period, the first clock is generated.
See the Timing
t(SUSTA)
Repeated START condition setup time
600
160
ns
Diagrams section
t(SUSTO) STOP condition setup time
600
160
ns
t(HDDAT) Data hold time
4
900
4
120
ns
t(SUDAT) Data setup time
100
10
ns
V+, see the Timing
t(LOW)
SCL clock low period
1300
280
ns
Diagrams section
See the Timing
t(HIGH)
SCL clock high period
600
60
ns
Diagrams section
See the Timing
tFD
Data fall time
300
150
ns
Diagrams section
See the Two-Wire
300
40
Timing Diagrams section
tRC
Clock rise time
ns
SCLK
≤ 100 kHz, see
the Timing Diagrams
1000
section
See the Two-Wire
tFC
Clock fall time
300
40
ns
Timing Diagrams section
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TMP175 TMP75


유사한 부품 번호 - TMP175_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results

유사한 설명 - TMP175_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP1075_1812 TI1-TMP1075_1812 Datasheet
2Mb / 40P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075 Datasheet
338Kb / 26P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075 TI1-TMP1075_18 Datasheet
978Kb / 30P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP1075_1810 TI1-TMP1075_1810 Datasheet
1,009Kb / 31P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP175-Q1 TI1-TMP175-Q1 Datasheet
446Kb / 31P
[Old version datasheet]   TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
TMP1075 TI-TMP1075_V01 Datasheet
3Mb / 48P
[Old version datasheet]   TMP1075 Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
AUGUST 2021
TMP275 TI1-TMP275_15 Datasheet
1,012Kb / 33P
[Old version datasheet]   TMP275 짹0.5째C Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
[Old version datasheet]   Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
logo
Delta Electronics, Inc.
E36SC3R335 DELTA-E36SC3R335 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
V48SR1R225 DELTA-V48SR1R225 Datasheet
528Kb / 14P
   Industry standard footprint and pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com