전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP512 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP512
상세설명  Temperature and Power Supply System Monitors
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMP512 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 3Page - Texas Instruments TMP512 Datasheet HTML 4Page - Texas Instruments TMP512 Datasheet HTML 5Page - Texas Instruments TMP512 Datasheet HTML 6Page - Texas Instruments TMP512 Datasheet HTML 7Page - Texas Instruments TMP512 Datasheet HTML 8Page - Texas Instruments TMP512 Datasheet HTML 9Page - Texas Instruments TMP512 Datasheet HTML 10Page - Texas Instruments TMP512 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Filter C
V+
V
IN+
V
IN
-
SDA
SCL
A0
DXP1
GND
ALERT
GPIO
DXN3
DXP3
DXN2
DXP2
DXN1
TMP513
V
IN+
V
IN
-
SDA
SCL
GPIO
DXN3
DXP3
DXN2
12
11
10
9
1
2
3
4
TMP513
TMP512
TMP513
www.ti.com
SBOS491A
– JUNE 2010 – REVISED MAY 2011
TMP513
space
D PACKAGE
RSA PACKAGE
SO-16
QFN-16
(TOP VIEW)
(TOP VIEW)
TMP513: PIN DESCRIPTIONS
RSA
D PACKAGE
PACKAGE
SO-16
QFN-16
NAME
DESCRIPTION
1
15
Filter C
Subregulator output and filter capacitor pin.
2
16
V+
Positive supply voltage (3V to 26V) See Figure 22.
3
1
VIN+
Positive differential shunt voltage. Connect to positive side of shunt resistor.
Negative differential shunt voltage. Connect to negative side of shunt resistor. Bus voltage is
4
2
VIN-
measured from this pin to ground.
5
3
SDA
Serial bus data line for SMBus, open-drain; requires pull-up resistor.
6
4
SCL
Serial bus clock line for SMBus, open-drain; requires pull-up resistor.
7
5
A0
Address pin
8
6
DXP1
Channel 1 positive connection to remote temperature sensor.
9
7
DXN1
Channel 1 negative connection to remote temperature sensor.
10
8
DXP2
Channel 2 positive connection to remote temperature sensor.
11
9
DXN2
Channel 2 negative connection to remote temperature sensor.
12
10
DXP3
Channel 3 positive connection to remote temperature sensor.
13
11
DXN3
Channel 3 negative connection to remote temperature sensor.
General-purpose, user-programmable input/output. Totem-pole output. Connect to ground or
14
12
GPIO
supply through a resistor if not used. Default state is as an input.
Open-drain SMBus alert output. Controlled in SMBus Alert Mask Register. Default state is
15
13
ALERT
disabled.
16
14
GND
Ground
Copyright
© 2010–2011, Texas Instruments Incorporated
7


유사한 부품 번호 - TMP512

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512 TI-TMP512 Datasheet
1Mb / 54P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512AID TI-TMP512AID Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512AID TI-TMP512AID Datasheet
1Mb / 54P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512AIDR TI-TMP512AIDR Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
More results

유사한 설명 - TMP512

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512 TI-TMP512_1 Datasheet
1Mb / 54P
[Old version datasheet]   Temperature and Power Supply System Monitors
logo
Maxim Integrated Produc...
MAX6653 MAXIM-MAX6653 Datasheet
297Kb / 24P
   Temperature Monitors and PWM Fan Controllers
Rev 1; 12/03
logo
Linear Technology
LTC2921 LINER-LTC2921_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2921 LINER-LTC2921 Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2922 LINER-LTC2922_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
Maxim Integrated Produc...
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
logo
ON Semiconductor
FDMF5062 ONSEMI-FDMF5062 Datasheet
42Kb / 1P
   Smart Power Stage (SPS) Modules with Integrated Current and Temperature Monitors
logo
Panasonic Semiconductor
AN34043AA PANASONIC-AN34043AA Datasheet
3Mb / 17P
   DTV System Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com