전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP75BQDGKTQ1 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP75BQDGKTQ1
상세설명  TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP75BQDGKTQ1 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TMP75BQDGKTQ1 Datasheet HTML 4Page - Texas Instruments TMP75BQDGKTQ1 Datasheet HTML 5Page - Texas Instruments TMP75BQDGKTQ1 Datasheet HTML 6Page - Texas Instruments TMP75BQDGKTQ1 Datasheet HTML 7Page - Texas Instruments TMP75BQDGKTQ1 Datasheet HTML 8Page - Texas Instruments TMP75BQDGKTQ1 Datasheet HTML 9Page - Texas Instruments TMP75BQDGKTQ1 Datasheet HTML 10Page - Texas Instruments TMP75BQDGKTQ1 Datasheet HTML 11Page - Texas Instruments TMP75BQDGKTQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TMP75B-Q1
SBOS721 – OCTOBER 2014
www.ti.com
7.3 Feature Description
7.3.1 Digital Temperature Output
The 12-bit digital output from each temperature measurement conversion is stored in the read-only temperature
register. Two bytes must be read to obtain the data; see Figure 15. Note that byte 1 is the most significant byte,
followed by byte 2, the least significant byte. The temperature result is left-justified with the 12 most significant
bits used to indicate the temperature. There is no need to read the second byte if resolution below 1°C is not
required. Table 1 summarizes the temperature data format. One LSB equals 0.0625°C. Negative numbers are
represented in binary twos complement format.
Table 1. Temperature Data Format(1)
DIGITAL OUTPUT
TEMPERATURE (°C)
BINARY
HEX
128
0111 1111 1111
7FF
127.9375
0111 1111 1111
7FF
100
0110 0100 0000
640
80
0101 0000 0000
500
75
0100 1011 0000
4B0
50
0011 0010 0000
320
25
0001 1001 0000
190
0.25
0000 0000 0100
004
0
0000 0000 0000
000
–0.25
1111 1111 1100
FFC
–25
1110 0111 0000
E70
–55
1100 1001 0000
C90
(1)
The temperature sensor resolution is 0.0625°C/LSB.
Table 1 does not supply a full list of all temperatures. Use the following rules to obtain the digital data format for
a given temperature, and vice versa.
To convert positive temperatures to a digital data format:
Divide the temperature by the resolution. Then, convert the result to binary code with a 12-bit, left-justified
format, and MSB = 0 to denote a positive sign.
Example: (50°C) / (0.0625°C / LSB) = 800 = 320h = 0011 0010 0000
To convert a positive digital data format to temperature:
Convert the 12-bit, left-justified binary temperature result, with the MSB = 0 to denote a positive sign, to a
decimal number. Then, multiply the decimal number by the resolution to obtain the positive temperature.
Example: 0011 0010 0000 = 320h = 800 × (0.0625°C / LSB) = 50°C
To convert negative temperatures to a digital data format:
Divide the absolute value of the temperature by the resolution, and convert the result to binary code with a
12-bit, left-justified format. Then, generate the twos complement of the result by complementing the binary
number and adding one. Denote a negative number with MSB = 1.
Example: (|–25°C|) / (0.0625°C / LSB) = 400 = 190h = 0001 1001 0000
Two's complement format: 1110 0110 1111 + 1 = 1110 0111 0000
To convert a negative digital data format to temperature:
Generate the twos compliment of the 12-bit, left-justified binary number of the temperature result (with MSB
= 1, denoting negative temperature result) by complementing the binary number and adding one. This
represents the binary number of the absolute value of the temperature. Convert to decimal number and
multiply by the resolution to get the absolute temperature, then multiply by –1 for the negative sign.
Example: 1110 0111 0000 has twos compliment of 0001 1001 0000 = 0001 1000 1111 + 1
Convert to temperature: 0001 1001 0000 = 190h = 400; 400 × (0.0625°C / LSB) = 25°C = (|–25°C|);
(|–25°C|) × (–1) = –25°C
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TMP75B-Q1


유사한 부품 번호 - TMP75BQDGKTQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP75B TI-TMP75B Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BID TI-TMP75BID Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BIDGKR TI-TMP75BIDGKR Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75BIDGKT TI-TMP75BIDGKT Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results

유사한 설명 - TMP75BQDGKTQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP75B TI-TMP75B Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75C TI-TMP75C Datasheet
980Kb / 31P
[Old version datasheet]   TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com