전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP75CIDR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP75CIDR
상세설명  TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP75CIDR 데이터시트(HTML) 1 Page - Texas Instruments

  TMP75CIDR Datasheet HTML 1Page - Texas Instruments TMP75CIDR Datasheet HTML 2Page - Texas Instruments TMP75CIDR Datasheet HTML 3Page - Texas Instruments TMP75CIDR Datasheet HTML 4Page - Texas Instruments TMP75CIDR Datasheet HTML 5Page - Texas Instruments TMP75CIDR Datasheet HTML 6Page - Texas Instruments TMP75CIDR Datasheet HTML 7Page - Texas Instruments TMP75CIDR Datasheet HTML 8Page - Texas Instruments TMP75CIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
±3
±2
±1
0
1
2
3
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
Mean
Mean - 6
Mean + 6
C005
TMP75C
A2
SDA
SCL
GND
ALERT
2
6
8
7
1
A1
A0
VS
4
3
5
0.01 2F
Two-Wire
Host Controller
1.4 V to 3.6 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP75C
SBOS707B – APRIL 2014 – REVISED AUGUST 2014
TMP75C 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
1 Features
3 Description
The TMP75C is an integrated digital temperature
1
Low-Voltage Alternative to NCT75 and ADT75
sensor with a 12-bit analog-to-digital converter (ADC)
Digital Output with Two-Wire Serial Interface
that can operate at a 1.8-V supply, and is pin and
Up to 8 Pin-Programmable Bus Addresses
register compatible with the NCT75 and ADT75. This
device
is
available
in
SOIC-8
and
VSSOP-8
Overtemperature ALERT Pin with Programmable
packages and requires no external components to
Trip Values
sense the temperature. The TMP75C is capable of
Shutdown Mode for Battery Power Saving
reading temperatures with a resolution of 0.0625°C
One-Shot Conversion Mode
and is specified over a temperature range of –55°C to
+125°C.
Operating Temperature Range: –55°C to +125°C
Operating Supply Range: 1.4 V to 3.6 V
The TMP75C features SMBus and two-wire interface
compatibility, and allows up to eight devices on the
Quiescent Current:
same bus with the SMBus overtemperature alert
15
μA Active (typ)
function. The programmable temperature limits and
0.3
μA Shutdown (typ)
the ALERT pin allow the sensor to operate as a
stand-alone thermostat, or an overtemperature alarm
Accuracy:
for power throttling or system shutdown.
±0.25°C (typ) from 0°C to +70°C
The factory-calibrated temperature accuracy and the
±0.5°C (typ) from –20°C to +85°C
noise-immune digital interface make the TMP75C the
±1°C (typ) from –55°C to +125°C
preferred solution for temperature compensation of
Resolution: 12 Bits (0.0625°C)
other sensors and electronic components, without the
need
for
additional
system-level
calibration
or
Packages: SOIC-8 and VSSOP-8
elaborate board layout for distributed temperature
sensing.
2 Applications
The TMP75C is ideal for thermal management and
Server and Computer Thermal Management
protection of a variety of consumer, computer,
Telecommunication Equipment
communication,
industrial,
and
environmental
Office Machines
applications.
Video Game Consoles
Device Information(1)
Set-Top Boxes
DEVICE NAME
PACKAGE
BODY SIZE (NOM)
Power Supply and Battery Thermal Protection
SOIC (8)
4.90 mm × 3.90 mm
Thermostat Control
TMP75C
VSSOP (8)
3.00 mm × 3.00 mm
Environmental Monitoring and HVAC
(1) For all available packages, see the package option addendum
Electrical Motor Driver Thermal Protection
at the end of the datasheet.
Temperature Accuracy (Error) vs Ambient
Simplified Schematic
Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - TMP75CIDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75CQDGKRQ1 TI1-TMP75CQDGKRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75CQDRQ1 TI1-TMP75CQDRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
More results

유사한 설명 - TMP75CIDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP75C-Q1 TI1-TMP75C-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMP75C-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75B TI-TMP75B Datasheet
989Kb / 31P
[Old version datasheet]   TMP75B 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP75B-Q1 TI-TMP75B-Q1 Datasheet
959Kb / 31P
[Old version datasheet]   TMP75B-Q1 1.8-V Digital Temperature Sensor with Two-Wire Interface and Alert
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com