전자부품 데이터시트 검색엔진 |
|
TMP101 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
TMP101 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 30 page TMP100, TMP101 www.ti.com SBOS231I – JANUARY 2002 – REVISED NOVEMBER 2015 6.5 Electrical Characteristics At TA = −55°C to 125°C and V+ = 2.7 V to 5.5 V, unless otherwise noted. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT TEMPERATURE INPUT Range –55 125 °C −25°C to 85°C ±0.5 ±2 Accuracy (temperature error) °C −55°C to 125°C ±1 ±2 Accuracy (temperature error) vs supply 0.2 ±0.5 °C/V Resolution Selectable 0.0625 °C DIGITAL INPUT/OUTPUT Input capacitance 3 pF VIH High-level input logic 0.7 (V+) 6 V VIL Low-level input logic −0.5 0.3 (V+) V IIN Input current 0 V ≤ VIN ≤ 6 V 1 µA VOL Low-level output logic SDA IOL = 3 mA 0 0.15 0.4 V VOL Low-level output logic ALERT IOL = 4 mA 0 0.15 0.4 V Resolution Selectable 9 12 Bits 9 bits 40 75 10 bits 80 150 Conversion time ms 11 bits 160 300 12 bits 320 600 9 bits 25 10 bits 12 Conversion rate s/s 11 bits 6 12 bits 3 POWER SUPPLY Operating range 2.7 5.5 V Serial bus inactive 45 75 IQ Quiescent current Serial bus active, SCL frequency = 400 kHz 70 µA Serial bus active, SCL frequency = 3.4 MHz 150 Serial bus inactive 0.1 13 ISD Shutdown current Serial bus active, SCL frequency = 400 kHz 20 µA Serial bus active, SCL frequency = 3.4 MHz 100 TEMPERATURE RANGE Specified range –55 125 °C Storage range –60 150 °C Copyright © 2002–2015, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: TMP100 TMP101 |
유사한 부품 번호 - TMP101 |
|
유사한 설명 - TMP101 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |