전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP107BIDR 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP107BIDR
상세설명  TMP107 Digital Temperature Sensor with Bidirectional UART One-Wire Interface and EEPROM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP107BIDR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TMP107BIDR Datasheet HTML 3Page - Texas Instruments TMP107BIDR Datasheet HTML 4Page - Texas Instruments TMP107BIDR Datasheet HTML 5Page - Texas Instruments TMP107BIDR Datasheet HTML 6Page - Texas Instruments TMP107BIDR Datasheet HTML 7Page - Texas Instruments TMP107BIDR Datasheet HTML 8Page - Texas Instruments TMP107BIDR Datasheet HTML 9Page - Texas Instruments TMP107BIDR Datasheet HTML 10Page - Texas Instruments TMP107BIDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
PSR (GC/V)
0
100
200
300
400
500
600
700
800
Temperature (GC)
-70
-45
-20
5
30
55
80
105
125
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Mean - 38
Mean
Mean + 38
Temperature Error at 25GC
0
50
100
150
200
250
300
Temperature (GC)
-70
-45
-20
5
30
55
80
105
125
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
Mean38
Mean
Mean + 38
Temperature (GC)
-70
-45
-20
5
30
55
80
105
125
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
Mean38
Mean
Mean + 38
Temperature (GC)
-70
-45
-20
5
30
55
80
105
125
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
Mean38
Mean
Mean + 38
TMP107
www.ti.com
SBOS716B – MAY 2015 – REVISED SEPTEMBER 2015
6.7 Typical Characteristics
at TA = 25°C and V+ = 3.3 V (unless otherwise noted)
One-shot mode, specified from –55ºC to +125ºC only
One-shot mode, V+ = 5.5 V, specified from –55ºC to +125ºC only
Figure 2. Temperature Error vs Temperature
Figure 3. Temperature Error vs Temperature
One-shot mode, V+ = 1.7 V, specified from –55ºC to +125ºC only
Figure 5. Temperature Error Histogram
Figure 4. Temperature Error vs Temperature
Continuous-conversion mode, maximum conversion rate,
bus inactive
One-shot mode, V+ = 1.7 V to 5.5 V
Figure 7. Temperature Error vs Temperature
Figure 6. Power-Supply Rejection Histogram
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TMP107


유사한 부품 번호 - TMP107BIDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP107BQDQ1 TI-TMP107BQDQ1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP107BQDRQ1 TI-TMP107BQDRQ1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
More results

유사한 설명 - TMP107BIDR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP107-Q1 TI-TMP107-Q1 Datasheet
431Kb / 39P
[Old version datasheet]   TMP107-Q1 Automotive Grade, 짹0.4째C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
TMP144 TI1-TMP144 Datasheet
413Kb / 27P
[Old version datasheet]   Low-Power, Digital Temperature Sensor With SMAART Wire / UART Interface
TMP144 TI-TMP144_V02 Datasheet
2Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire??/ UART Interface
TMP144 TI-TMP144_V03 Datasheet
1Mb / 41P
[Old version datasheet]   TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
REVISED SEPTEMBER 2023
BQ2028 TI-BQ2028 Datasheet
892Kb / 26P
[Old version datasheet]   4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com