전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP108 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TMP108
상세설명  Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP108 데이터시트(HTML) 1 Page - Texas Instruments

  TMP108_15 Datasheet HTML 1Page - Texas Instruments TMP108_15 Datasheet HTML 2Page - Texas Instruments TMP108_15 Datasheet HTML 3Page - Texas Instruments TMP108_15 Datasheet HTML 4Page - Texas Instruments TMP108_15 Datasheet HTML 5Page - Texas Instruments TMP108_15 Datasheet HTML 6Page - Texas Instruments TMP108_15 Datasheet HTML 7Page - Texas Instruments TMP108_15 Datasheet HTML 8Page - Texas Instruments TMP108_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Diode
Temp
Sensor
DS
ADC
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP108
V+
A1
C1
A2
C2
ALERT
GND
A0
B1
B2
SCL
SDA
TMP108
www.ti.com
SBOS663 – APRIL 2013
Low Power Digital Temperature Sensor
With Two-Wire Serial Interface in WCSP
Check for Samples: TMP108
1
FEATURES
DESCRIPTION
TMP108 is a digital-output temperature sensor with a
23
Dynamically-Programmable Limit Window with
dynamically-programmable limit window, and under-
Under- and Overtemperature Alerts
and overtemperature alert functions. These features
Accuracy:
provide optimized temperature control without the
±0.75°C (max) from –20°C to +85°C
need
of
frequent
temperature
readings
by
the
controller or application processor.
±1°C (max) from –40°C to +125°C
Low Quiescent Current:
The
TMP108
features
SMBus™
and
two-wire
6
μA Active (max) from –40°C to +125°C
interface compatibility, and allows up to four devices
on one bus with the SMBus alert function.
Supply Range: 1.4 V to 3.6 V
Resolution: 12 Bits (0.0625°C)
The TMP108 is ideal for thermal management
optimization in a variety of consumer, computer, and
Package: 1.2-mm × 0.8-mm, 6-Ball WCSP
environmental applications. The device is specified
over a temperature range of –40°C to +125°C.
APPLICATIONS
Smartphone and Tablet Thermal Management
Battery Management
Thermostat Control
Under- and Overtemperature Protection
Environmental Monitoring and HVAC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SMBus is a trademark of Intel, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TMP108_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP108AIYFFR TI-TMP108AIYFFR Datasheet
268Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP108AIYFFT TI-TMP108AIYFFT Datasheet
268Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results

유사한 설명 - TMP108_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP108 TI-TMP108 Datasheet
268Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP103 TI-TMP103_15 Datasheet
817Kb / 24P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP103 TI-TMP103 Datasheet
472Kb / 23P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com