전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72717PW 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 LC72717PW
상세설명  Mobile FM Multiplex Broadcast Receiver IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72717PW 데이터시트(HTML) 3 Page - ON Semiconductor

  LC72717PW Datasheet HTML 1Page - ON Semiconductor LC72717PW Datasheet HTML 2Page - ON Semiconductor LC72717PW Datasheet HTML 3Page - ON Semiconductor LC72717PW Datasheet HTML 4Page - ON Semiconductor LC72717PW Datasheet HTML 5Page - ON Semiconductor LC72717PW Datasheet HTML 6Page - ON Semiconductor LC72717PW Datasheet HTML 7Page - ON Semiconductor LC72717PW Datasheet HTML 8Page - ON Semiconductor LC72717PW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LC72717PW
No.A2064-3/27
Electrical Characteristics at Ta = -40
C to +85C, VDD = 2.7V to 3.6V, VSS = 0V
Parameter
Symbol
Pin Name
Type
Conditions
Ratings
unit
min
typ
max
Input high-level current
IIH1
A0/CL, A1/CE, A2/DI, RST, STNBY
Schmitt
1.0
A
IIH2
IOCNT1, IOCNT2, DACK
D0, D1, D2, D3, D4, D5, D6, D7
WR, RD, A3, CS
Schmitt
1.0
A
IIH3
SP, BUSWD, TIN, TPC1, TPC2,
TOSEL1, TOSEL2
1.0
A
Input low-level current
IIL1
A0/CL, A1/CE, A2/DI, RST, STNBY
Schmitt
-1.0
A
IIL2
IOCNT1, IOCNT2, DACK
D0, D1, D2, D3, D4, D5, D6, D7
WR, RD, A3, CS
Schmitt
-1.0
A
IIL3
SP, BUSWD, TIN, TPC1, TPC2,
TOSEL1, TOSEL2
-1.0
A
Output high-level voltage
VOH1
CLK16, DATA, FLOCK, BLOCK,
FCK, BCK, CRC4
CMOS
IOH=-1mA
VDD-0.4
V
VOH2
DREQ, RDY, D0, D1, D2, D3, D4,
D5, D6, D7, D8, D9, D10, D11, D12,
D13, D14, D15, INT
CMOS
IOH=-2mA
VDD-0.4
V
Output low-level voltage
VOL1
CLK16, DATA, FLOCK, BLOCK,
FCK, BCK, CRC4
CMOS
IOL=1mA
0.4
V
VOL2
DREQ, RDY, D0, D1, D2, D3, D4,
D5, D6, D7, D8, D9, D10, D11, D12,
D13, D14, D15, INT
CMOS
IOL=2mA
0.4
V
VOL3
DO
Nch-Open
Drain
IOL=2mA
0.4
V
Output leakage current
IOFF
DO
VO=VDD
1.0
A
Hysteresis voltage
VHYS
A0/CL, A1/CE, A2/DI, RST,
STNBY, IOCNT1, IOCNT2, DACK
D0, D1, D2, D3, D4, D5, D6, D7
WR, RD, A3, CS
0.1VDD
V
Internal feedback
resistance
RF
XIN, XOUT
1.0
M
Current drain
IDD
6
12
mA
Bandpass Filter Characteristics at Ta = 25
C, VDD = 2.7V to 3.6V, VSS = 0V
Parameter
Symbol
Conditions
Ratings
unit
min
typ
max
Input resistance
RMPX
50
k
Reference supply voltage output
VREF
Vref, Vdda=3V
1.5
V
BPF center frequency
FC
FLOUT
76.0
kHz
-3dB band width
FBW
FLOUT
19.0
kHz
Group-delay in band width
DGD
FLOUT
7.5
s
Gain
Gain
FLOUT-MPXIN, f=76kHz
20
dB
Attenuation characteristic
ATT1
FLOUT, f=50kHz
25
dB
ATT2
FLOUT, f=100kHz
15
dB
ATT3
FLOUT, f=30kHz
50
dB
ATT4
FLOUT, f=150kHz
50
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


유사한 부품 번호 - LC72717PW

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
LC72717PW-H ONSEMI-LC72717PW-H Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
LC72717PW-NH ONSEMI-LC72717PW-NH Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
More results

유사한 설명 - LC72717PW

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
Toshiba Semiconductor
TC90A60U TOSHIBA-TC90A60U Datasheet
1Mb / 33P
   DATA SLICE IC FOR VIDEO MULTIPLEX BROADCAST RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com