전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC72717PW-NH 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LC72717PW-NH
상세설명  Mobile FM Multiplex Broadcast Receiver IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72717PW-NH 데이터시트(HTML) 2 Page - ON Semiconductor

  LC72717PW-NH Datasheet HTML 1Page - ON Semiconductor LC72717PW-NH Datasheet HTML 2Page - ON Semiconductor LC72717PW-NH Datasheet HTML 3Page - ON Semiconductor LC72717PW-NH Datasheet HTML 4Page - ON Semiconductor LC72717PW-NH Datasheet HTML 5Page - ON Semiconductor LC72717PW-NH Datasheet HTML 6Page - ON Semiconductor LC72717PW-NH Datasheet HTML 7Page - ON Semiconductor LC72717PW-NH Datasheet HTML 8Page - ON Semiconductor LC72717PW-NH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LC72717PW
No.A2064-2/27
Specifications
Absolute Maximum Ratings at Ta = 25
C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD
-0.3 to +4.0
V
Input voltage
VIN1
A0/CL, A1/CE, A2/DI, RST, STNBY
(VDD is equal to 2.7V or more.)
-0.3 to +5.6
V
A0/CL, A1/CE, A2/DI, RST, STNBY
(VDD is less than 2.7V.)
-0.3 to VDD+0.3
V
VIN2
Input pin other than VIN1
-0.3 to VDD+0.3
V
Output voltage
VOUT
Output pin
-0.3 to VDD+0.3
V
Output current
IOUT1
INT, RDY, DREQ, D0 to D15, DO
0 to 2.0
mA
IOUT2
Output pin other than IOUT1
0 to 1.0
mA
Allowable output current (total)
ITTL
Total for all the output pins
10
mA
Allowable power dissipation
Pd max
200
mW
Operating temperature
Topr
Ta
85C
-40 to +85
C
Storage temperature
Tstg
-55 to +125
C
Allowable Operating Ranges at Ta = -40
C to +85C, VSS = 0V
Parameter
Symbol
Pin Name
Type
Conditions
Ratings
unit
min
typ
max
Supply voltage
VDD
2.7
3.6
V
Input high-level voltage
VIH1
A0/CL, A1/CE, A2/DI, RST,
STNBY
Schmitt
0.7VDD
5.5
V
VIH2
IOCNT1, IOCNT2, DACK
D0, D1, D2, D3, D4, D5, D6, D7
WR, RD, A3, CS
Schmitt
0.7VDD
VDD
V
VIH3
SP, BUSWD, TIN, TPC1, TPC2,
TOSEL1, TOSEL2
0.7VDD
VDD
V
Input low-level voltage
VIL1
A0/CL, A1/CE, A2/DI, RST,
STNBY
Schmitt
0.0
0.3VDD
V
VIL2
IOCNT1, IOCNT2, DACK
D0, D1, D2, D3, D4, D5, D6, D7
WR, RD, A3, CS
Schmitt
0.0
0.3VDD
V
VIL3
SP, BUSWD, TIN, TPC1, TPC2,
TOSEL1, TOSEL2
0.0
0.3VDD
V
Oscillation frequency
FOSC
XIN, XOUT
Oscillation
circuit
Within
250ppm
7.2
MHz
XIN input sensitivity
VXI
XIN
Capacitive
coupling
400
mVrms
Input amplitude
VMPX1
MPXIN
SCF
100%
demodulation
composite
VDD=3.3V
120
500
mVrms
VMPX2
MPXIN
SCF
100%
demodulation
composite
VDD=2.7V
120
450
mVrms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


유사한 부품 번호 - LC72717PW-NH

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC72717PW-NH ONSEMI-LC72717PW-NH Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
More results

유사한 설명 - LC72717PW-NH

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W_12 Datasheet
163Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
Toshiba Semiconductor
TC90A60U TOSHIBA-TC90A60U Datasheet
1Mb / 33P
   DATA SLICE IC FOR VIDEO MULTIPLEX BROADCAST RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com