전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK681-352-E 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 STK681-352-E
상세설명  Forward/Reverse Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK681-352-E 데이터시트(HTML) 3 Page - ON Semiconductor

  STK681-352-E Datasheet HTML 1Page - ON Semiconductor STK681-352-E Datasheet HTML 2Page - ON Semiconductor STK681-352-E Datasheet HTML 3Page - ON Semiconductor STK681-352-E Datasheet HTML 4Page - ON Semiconductor STK681-352-E Datasheet HTML 5Page - ON Semiconductor STK681-352-E Datasheet HTML 6Page - ON Semiconductor STK681-352-E Datasheet HTML 7Page - ON Semiconductor STK681-352-E Datasheet HTML 8Page - ON Semiconductor STK681-352-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STK681-352-E
No.A1929-3/14
Derating Curve of Motor Current, IO, vs. STK681-352-E Operating Board Temperature, Tc
(The maximum PWM frequency is 50kHz.)
The PWM frequencies in the above graph indicate the ENABLE signal.
The same PWM IO derating curves as those shown above will be obtained when the internal PWM frequency of the
STK681-352-E is used.
Increasing the VCC supply voltage narrows the IO derating curve range, so IO should be set in reference to the above
graph.
The above operating substrate temperature, Tc, is measured immediately when the motor is started.
Since Tc fluctuates due to the ambient temperature, Ta, the motor current value, and continuous or intermittent
operations of the motor current, always confirm this values using an actual set.
The Tc temperature should be checked in the center of the metal surface of the product package.
STK681-352-E Allowable Brake Current Range (Low side: F3, F4=ON)
7
5
6
1
0
080
20
40
60
100
70
10
30
50
90
110
IO - Tc
Operating Substrate Temperature, Tc-
C
3
4
2
DC
PWM(VCC=24V)
1.0
23
5
1000
10
72
3
5
7
23
5
100
7
7
6
5
IOB - t
Conduction time, t - ms
13
11
12
10
9
8
Tc=25°C
70°C
80°C
90°C
105°C


유사한 부품 번호 - STK681-352-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK681-352-E SANYO-STK681-352-E Datasheet
119Kb / 14P
   Forward/Reverse Motor Driver
More results

유사한 설명 - STK681-352-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
STK681-300 ONSEMI-STK681-300 Datasheet
86Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
STK681-310 ONSEMI-STK681-310 Datasheet
97Kb / 10P
   Forward/Reverse Motor Driver
May, 2013
LV8086T ONSEMI-LV8086T Datasheet
73Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
LV8417CS ONSEMI-LV8417CS Datasheet
168Kb / 5P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8400V SANYO-LV8400V Datasheet
132Kb / 6P
   Forward/Reverse Motor Driver
ENA0760-D SANYO-ENA0760-D Datasheet
101Kb / 10P
   Forward/Reverse Motor Driver
ENA0762-D SANYO-ENA0762-D Datasheet
100Kb / 10P
   Forward/Reverse Motor Driver
LV8014T SANYO-LV8014T_09 Datasheet
107Kb / 6P
   Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
   Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
   Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
   Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com