전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM5904BF 데이터시트(PDF) 4 Page - Nippon Precision Circuits Inc

부품명 SM5904BF
상세설명  compression and non compression type shock-proof memory controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5904BF 데이터시트(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5904BF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5904BF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5904BF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5904BF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5904BF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5904BF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5904BF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5904BF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5904BF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
NIPPON PRECISION CIRCUITS-4
SM5904BF
Parameter
Symbol
Rating
Unit
Supply voltage
VDD
- 0.3 to 4.6
V
Input voltage
VI
VSS - 0.3 to VDD + 0.3
V
Storage temperature
TSTG
- 40 to 125
˚C
Power dissipation
PD
600
mW
Soldering temperature
TSLD
255
˚C
Soldering time
tSLD
10
sec
(VSS = 0V, VDD1, VDD2 pin voltage = VDD)
(*1) Refer to pin summary on the next page.
Note. Values also apply for supply inrush and switch-off.
Parameter
Symbol
Rating
Unit
Supply voltage
VDD
2.4 to 3.3
V
Operating temperature
TOPR
−10 to 70
˚C
(VSS = 0V, VDD1, VDD2 pin voltage = VDD)
Parameter
Pin
Symbol
Condition
Rating
Unit
Min
Typ
Max
Current consumption
VDD
IDD
(*A)SHPRF ON
9
18
mA
(*A)Through mode
2.6
5
mA
Input voltage
CLK
H level
VIH1
0.7VDD
V
L level
VIL1
0.3VDD
V
VINAC
AC coupling
1.0
VP-P
(*2,3,4)
H level
VIH2
0.8VDD
V
L level
VIL2
0.2VDD
V
(*5)
H level
VIH3
0.8VDD
V
L level
VIL3
0.2VDD
V
Output voltage
(*4,6)
H level
VOH1
IOH = - 0.5 mA
VDD - 0.4
V
L level
VOL1
IOL = 0.5 mA
0.4
V
(*5,7)
H level
VOH2
IOH = - 0.5 mA
VDD - 0.4
V
L level
VOL2
IOL = 0.5 mA
0.4
V
Input current
CLK
IIH1
VIN = VDD
10
30
60
µA
IIL1
VIN = 0V
10
30
60
µA
(*3)
IIL2
VIN = 0V
6
25
200
µA
(*4,5)
IIL3
VIN = 0V
1
3
6
µA
Input leakage current
(*2,3,4,5)
ILH
VIN = VDD
- 10
10
µA
(*2)
ILL
VIN = 0V
- 10
10
µA
(*A) VDD1 = VDD2 = 3 V, CLK input frequency fXTI= 384fs = 16.9344 MHz, all outputs unloaded,
SHPRF: Shock-proof,
typical values are for VDD1 = VDD2 = 3 V.
Electrical characteristics
Recommended operating conditions
DC characteristics
Standard voltage: (VDD1 = VDD2 = 2.4 to 3.3 V, VSS = 0 V, Ta =
−10 to 70 ˚C)
Absolute maximum ratings


유사한 부품 번호 - SM5904BF

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5904CF NPC-SM5904CF Datasheet
267Kb / 35P
   compression and non compression type
More results

유사한 설명 - SM5904BF

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM5903BF NPC-SM5903BF Datasheet
246Kb / 31P
   compression and non compression type shock-proof memory controller
SM5905AF NPC-SM5905AF Datasheet
200Kb / 35P
   compression and non compression type shock-proof memory controller
SM5902AF NPC-SM5902AF Datasheet
312Kb / 40P
   compression and non compression type shock-proof memory controller
SM5907AF NPC-SM5907AF Datasheet
231Kb / 30P
   compression and non compression type shock-proof memory controller
SM5903BF NPC-SM5903BF_00 Datasheet
196Kb / 31P
   compression and non compression type shock-proof memory controller
SM5903CF NPC-SM5903CF Datasheet
176Kb / 31P
   compression and non compression type anti-shock memory controller
SM5859AF NPC-SM5859AF Datasheet
173Kb / 33P
   compression and non compression type antishock memory controller
SM5901AF NPC-SM5901AF Datasheet
154Kb / 31P
   compression and non compression type anti-shock memory controller with built-in 1M DRAM
SM5904CF NPC-SM5904CF Datasheet
267Kb / 35P
   compression and non compression type
SM5906AF NPC-SM5906AF Datasheet
231Kb / 30P
   Shock-proof Memory Controller for Video CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com