전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM20 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM20
상세설명  LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM20 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM20_15 Datasheet HTML 6Page - Texas Instruments LM20_15 Datasheet HTML 7Page - Texas Instruments LM20_15 Datasheet HTML 8Page - Texas Instruments LM20_15 Datasheet HTML 9Page - Texas Instruments LM20_15 Datasheet HTML 10Page - Texas Instruments LM20_15 Datasheet HTML 11Page - Texas Instruments LM20_15 Datasheet HTML 12Page - Texas Instruments LM20_15 Datasheet HTML 13Page - Texas Instruments LM20_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LM20
SNIS106Q – DECEMBER 1999 – REVISED JANUARY 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM20 features make it suitable for many general temperature sensing applications. Multiple package options
expand on its, flexibility.
8.1.1 Capacitive Loads
The LM20 handles capacitive loading well. Without any precautions, the LM20 can drive any capacitive load less
than 300 pF as shown in Figure 2. Over the specified temperature range the LM20 has a maximum output
impedance of 160
Ω. In an extremely noisy environment, it may be necessary to add some filtering to minimize
noise pickup. It is recommended that 0.1
μF be added from V+ to GND to bypass the power supply voltage, as
shown in Figure 4. In a noisy environment, it may even be necessary to add a capacitor from the output to
ground with a series resistor as shown in Figure 4. A 1-
μF output capacitor with the 160-Ω maximum output
impedance and a 200-
Ω series resistor will form a 442-Hz lowpass filter. Because the thermal time constant of
the LM20 is much slower, the overall response time of the LM20 will not be significantly affected.
In situations where a transient load current is placed on the circuit output the series resistance value may be
increased to compensate for any ringing that may be observed.
Figure 2. LM20 No Decoupling Required for Capacitive Loads Less Than 300 pF
Table 2. Capacitive Loading Isolation
Minimum R (
Ω)
C (µF)
200
1
470
0.1
680
0.01
1 k
0.001
Figure 3. LM20 With Compensation for Capacitive Loading Greater Than 300 pF
10
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM20


유사한 부품 번호 - LM20_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM20 TI1-LM20_16 Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
More results

유사한 설명 - LM20_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LMT89 TI-LMT89_15 Datasheet
961Kb / 21P
[Old version datasheet]   LMT89 2.4-V, 10-關A, SC70 Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LMT88 TI-LMT88_15 Datasheet
967Kb / 23P
[Old version datasheet]   2.4-V, 10-關A, SC-70 Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
LM20 TI1-LM20_16 Datasheet
1Mb / 25P
[Old version datasheet]   DSBGA Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com