전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM26 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LM26
상세설명  Accurate, Factory-Preset Thermostat
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM26 데이터시트(HTML) 3 Page - Texas Instruments

  LM26_15 Datasheet HTML 1Page - Texas Instruments LM26_15 Datasheet HTML 2Page - Texas Instruments LM26_15 Datasheet HTML 3Page - Texas Instruments LM26_15 Datasheet HTML 4Page - Texas Instruments LM26_15 Datasheet HTML 5Page - Texas Instruments LM26_15 Datasheet HTML 6Page - Texas Instruments LM26_15 Datasheet HTML 7Page - Texas Instruments LM26_15 Datasheet HTML 8Page - Texas Instruments LM26_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM26
www.ti.com
SNIS115S – MAY 2001 – REVISED SEPTEMBER 2015
5 Device Comparison Table
Order Number
Top Mark
Trip Point
Output Function
Setting
Bulk Rail (1000 Units)
Tape & Reel (3000 Units)
LM26CIM5-BPB
LM26CIM5X-BPB
TBPB
-45°C
Active-Low, Open-Drain, US output
LM26CIM5-DPB
LM26CIM5X-DPB
TDPB
-25°C
Active-Low, Open-Drain, US output
LM26CIM5-HHD
LM26CIM5X-HHD
THHD
0°C
Active-High, Push-Pull, US output
LM26CIM5-NPA
LM26CIM5X-NPA
TNPA
45°C
Active-Low, Open-Drain, OS output
LM26CIM5-RPA
LM26CIM5X-RPA
TRPA
65°C
Active-Low, Open-Drain, OS output
LM26CIM5-SHA
LM26CIM5X-SHA
TSHA
75°C
Active-Low, Open-Drain, OS output
LM26CIM5-SPA
LM26CIM5X-SPA
TSPA
70°C
Active-Low, Open-Drain, OS output
LM26CIM5-TPA
LM26CIM5X-TPA
TTPA
85°C
Active-Low, Open-Drain, OS output
LM26CIM5-VHA
LM26CIM5X-VHA
TVHA
90°C
Active-Low, Open-Drain, OS output
LM26CIM5-VPA
LM26CIM5X-VPA
TVPA
95°C
Active-Low, Open-Drain, OS output
LM26CIM5-XHA
LM26CIM5X-XHA
TXHA
100°C
Active-Low, Open-Drain, OS output
LM26CIM5-XPA
LM26CIM5X-XPA
TXPA
105°C
Active-Low, Open-Drain, OS output
LM26CIM5-YHA
LM26CIM5X-YHA
TYHA
110°C
Active-Low, Open-Drain, OS output
LM26CIM5-YPA
LM26CIM5X-YPA
TYPA
115°C
Active-Low, Open-Drain, OS output
LM26CIM5-ZHA
LM26CIM5X-ZHA
TZHA
120°C
Active-Low, Open-Drain, OS output
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM26


유사한 부품 번호 - LM26_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2601 NSC-LM2601 Datasheet
130Kb / 6P
   Adapter Interface Circuit
logo
LightKey Optoelectronic...
LM2601616AB LIGHTKEY-LM2601616AB Datasheet
212Kb / 3P
   LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
LM2601616AD LIGHTKEY-LM2601616AD Datasheet
212Kb / 3P
   LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
LM2601616AG LIGHTKEY-LM2601616AG Datasheet
212Kb / 3P
   LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
LM2601616AO LIGHTKEY-LM2601616AO Datasheet
212Kb / 3P
   LM2601616A/B Series ??1.60 inch 16x16 Dot Matrix LED Display
More results

유사한 설명 - LM26_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat
logo
Texas Instruments
LM27A TI1-LM27A_13 Datasheet
267Kb / 10P
[Old version datasheet]   Factory Preset Thermostat
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
[Old version datasheet]   LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
logo
National Semiconductor ...
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
   SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
Texas Instruments
LM27 TI-LM27_15 Datasheet
981Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
National Semiconductor ...
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
LM27A NSC-LM27A Datasheet
237Kb / 10P
   짹3째C Accurate, 120째C-150째C Factory Preset Thermostat (LM27 in Die Form)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com