전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM27222 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LM27222
상세설명  LM27222 High-Speed 4.5A Synchronous MOSFET Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM27222 데이터시트(HTML) 5 Page - Texas Instruments

  LM27222_15 Datasheet HTML 1Page - Texas Instruments LM27222_15 Datasheet HTML 2Page - Texas Instruments LM27222_15 Datasheet HTML 3Page - Texas Instruments LM27222_15 Datasheet HTML 4Page - Texas Instruments LM27222_15 Datasheet HTML 5Page - Texas Instruments LM27222_15 Datasheet HTML 6Page - Texas Instruments LM27222_15 Datasheet HTML 7Page - Texas Instruments LM27222_15 Datasheet HTML 8Page - Texas Instruments LM27222_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
IN
LEN
HG
LG
400 ns/DIV
IN
HG-SW
LG
40 ns/DIV
IN
HG-SW
LG
40 ns/DIV
IN
LG
HG-SW
0.9V
0.9V
t2
t4
t3
t1
t5
t7
t8
t6
LM27222
www.ti.com
SNVS306B – SEPTEMBER 2004 – REVISED MARCH 2013
Timing Diagram
Typical Waveforms
Figure 2. PWM Low-to-High Transition at IN Input
Figure 3. PWM High-to-Low Transition at IN Input
Figure 4. LEN Operation
The typical waveforms are from a circuit similar to Typical Application with:
Q1: 2 x Si7390DP
Q2: 2 x Si7356DP
L1: 0.4 µH
VIN: 12V
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM27222


유사한 부품 번호 - LM27222_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27222M NSC-LM27222M Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
LM27222MX NSC-LM27222MX Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
LM27222SD NSC-LM27222SD Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
LM27222SDX NSC-LM27222SDX Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
More results

유사한 설명 - LM27222_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
   High Speed Synchronous MOSFET Driver
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
   High Speed Synchronous/Asynchronous MOSFET Driver
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Semtech Corporation
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1211 SEMTECH-SC1211 Datasheet
270Kb / 11P
   High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com