전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC74731W-9818-E 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LC74731W-9818-E
상세설명  On-Screen Display Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC74731W-9818-E 데이터시트(HTML) 2 Page - ON Semiconductor

  LC74731W-9818-E Datasheet HTML 1Page - ON Semiconductor LC74731W-9818-E Datasheet HTML 2Page - ON Semiconductor LC74731W-9818-E Datasheet HTML 3Page - ON Semiconductor LC74731W-9818-E Datasheet HTML 4Page - ON Semiconductor LC74731W-9818-E Datasheet HTML 5Page - ON Semiconductor LC74731W-9818-E Datasheet HTML 6Page - ON Semiconductor LC74731W-9818-E Datasheet HTML 7Page - ON Semiconductor LC74731W-9818-E Datasheet HTML 8Page - ON Semiconductor LC74731W-9818-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Pin Assignment
2/39
LC74731W, LC74732W
1
VSS1
48
A6
2
XTALin
47
A7
3
XTALout
46
A8
4
CTRL1
45
A9
5
OSCin
44
A10
6
OSCout
43
A11
7
MUTE
42
A12
8
CDLR
41
A13
9
SYNCjdg/Rout
40
A14
10
CHARA/Gout
39
A15
11
BLANK/Bout
38
A16
12
IEOUT/BLKout
37
A17
13
OUTMOD
36
VDD1
14
CS
35
RST
15
SIN
(V)
34
SEPin
16
SCLK
33
SEPout
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
64


유사한 부품 번호 - LC74731W-9818-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W Datasheet
157Kb / 38P
   On-Screen Display Controller
LC74731W SANYO-LC74731W Datasheet
154Kb / 38P
   On-Screen Display Controller
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
More results

유사한 설명 - LC74731W-9818-E

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com