전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC74731WS-9818-E 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 LC74731WS-9818-E
상세설명  On-Screen Display Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC74731WS-9818-E 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button LC74731WS-9818-E Datasheet HTML 3Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 4Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 5Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 6Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 7Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 8Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 9Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 10Page - ON Semiconductor LC74731WS-9818-E Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7/39
LC74731W, LC74732W
Parameter
Symbol
Pin
Conditions
Ratings
Unit
min
typ
max
(1)
0.80
SYNC level
VSN
(2)
1.00
V
(3)
1.40
(1)
1.37
Pedestal level
VPD
(2)
1.57
V
(3)
1.97
(1)
1.07
Color burst low level
VCBL
(2)
1.27
V
(3)
1.67
(1)
1.67
Color burst high level
VCBH
(2)
1.87
V
(3)
1.27
CVOUT
(1)
1.23
Background color 1 low level
VRSL1
(1): When SYNC – LEVEL = 0.8 V VDD1 = 5.0 V
(2)
1.43
V
(2): When SYNC – LEVEL = 1.0 V VDD2 = 5.0 V
(3)
1.83
(3): When SYNC – LEVEL = 1.4 V
(1)
2.37
Background color 1 high level
VRSH1
(2)
2.57
V
(3)
2.97
(1)
1.52
Background color 2 low level
VRSL2
(2)
1.72
V
(3)
2.12
(1)
2.01
Background color 2 high level
VRSH2
(2)
2.21
V
(3)
2.61
(1)
1.50
Outlining level 1
VBK1
(2)
1.70
V
(3)
2.10
(1)
1.80
Outlining level 2
VBK2
(2)
2.00
V
(3)
2.40
(1)
2.08
Outlining level 3
VBK3
(2)
2.28
V
(3)
2.68
(1)
2.65
Character level 1
VCHA1
(2)
2.85
V
(3)
3.25
(1)
2.23
Character level 3
VCHA3
(2)
2.43
V
(3)
2.83
Continued from preceding page.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


유사한 부품 번호 - LC74731WS-9818-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W Datasheet
157Kb / 38P
   On-Screen Display Controller
LC74731W SANYO-LC74731W Datasheet
154Kb / 38P
   On-Screen Display Controller
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
More results

유사한 설명 - LC74731WS-9818-E

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com