전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK672-630A-E 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 STK672-630A-E
상세설명  2-phase Stepping Motor Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-630A-E 데이터시트(HTML) 1 Page - ON Semiconductor

  STK672-630A-E Datasheet HTML 1Page - ON Semiconductor STK672-630A-E Datasheet HTML 2Page - ON Semiconductor STK672-630A-E Datasheet HTML 3Page - ON Semiconductor STK672-630A-E Datasheet HTML 4Page - ON Semiconductor STK672-630A-E Datasheet HTML 5Page - ON Semiconductor STK672-630A-E Datasheet HTML 6Page - ON Semiconductor STK672-630A-E Datasheet HTML 7Page - ON Semiconductor STK672-630A-E Datasheet HTML 8Page - ON Semiconductor STK672-630A-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
62911HKPC 018-08-0034/71608HKIM No. A1129-1/21
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
June, 2013
STK672-630A-E
Overview
The STK672-630A-E is a hybrid IC for use as a unipolar, 2-phase stepping motor driver with PWM current control.
Applications
• Office photocopiers, printers, etc.
Features
• Built-in overcurrent detection function (output current OFF).
• Built-in overheat detection function (output current OFF).
• If either over-current or overheat detection function is activated, the FAULT signal (active low) is output.
• Built-in power on reset function.
• The motor speed is controlled by the frequency of an external clock signal.
• 2 phase or 1-2 phase excitation switching function.
• Using either or both edges of the clock signal switching function.
• Phase is maintained even when the excitation mode is switched.
• Rotational direction switching function.
• Supports schmitt input for 2.5V high level input.
• Incorporating a current detection resistor (0.141Ω: resistor tolerance ±2%), motor current can be set using two
external resistors.
• The ENABLE pin can be used to cut output current while maintaining the excitation mode.
• With a wide current setting range, power consumption can be reduced during standby.
• No motor sound is generated during hold mode due to external excitation current control.
Ordering number : ENA1129A
Thick-Film Hybrid IC
2-phase Stepping Motor Driver


유사한 부품 번호 - STK672-630A-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
More results

유사한 설명 - STK672-630A-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com